Electronic Components Datasheet Search
  English  ▼

X  

TDA2009A Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA2009A
Description  10 10W STEREO AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2009A Datasheet(HTML) 3 Page - STMicroelectronics

  TDA2009A Datasheet HTML 1Page - STMicroelectronics TDA2009A Datasheet HTML 2Page - STMicroelectronics TDA2009A Datasheet HTML 3Page - STMicroelectronics TDA2009A Datasheet HTML 4Page - STMicroelectronics TDA2009A Datasheet HTML 5Page - STMicroelectronics TDA2009A Datasheet HTML 6Page - STMicroelectronics TDA2009A Datasheet HTML 7Page - STMicroelectronics TDA2009A Datasheet HTML 8Page - STMicroelectronics TDA2009A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vs
Supply Voltage
28
V
Io
Output Peak Current (repetitive f
≥ 20 Hz)
3.5
A
Io
Output Peak Current (non repetitive, t = 100
µs)
4.5
A
Ptot
Power Dissipation at Tcase = 90
°C20
W
Tstg, Tj
Storage and Junction Temperature
– 40, + 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction-case
Max.
3
°C/W
ELECTRICAL CHARACTERISTICS
(refer to the stereo application circuit, Tamb = 25
oC, VS = 24V, GV = 36dB, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vs
Supply Voltage
8
28
V
Vo
Quiescent Output Voltage
Vs = 24V
11.5
V
Id
Total Quiescent Drain Current
Vs = 24V
60
120
mA
Po
Output Power (each channel)
d = 1%, Vs = 24V, f = 1kHz
RL = 4
Ω
RL = 8
Ω
f = 40Hz to 12.5kHz
RL = 4
Ω
RL = 8
Ω
Vs = 18V, f = 1kHz
RL = 4
Ω
RL = 8
Ω
10
5
12.5
7
7
4
W
W
W
W
W
W
d
Distortion (each channel)
f = 1kHz, Vs = 24V
Po = 0.1 to 7W
RL = 4
Ω
Po = 0.1 to 3.5W
RL = 8
Ω
Vs = 18V
Po = 0.1 to 5W
RL = 4
Ω
Po = 0.1 to 2.5W
RL = 8
Ω
0.2
0.1
0.2
0.1
%
%
%
%
CT
Cross Talk (3)
RL =
∞, Rg = 10kΩ
f = 1kHz
f = 10kHz
60
50
dB
Vi
Input Saturation Voltage (rms)
300
mV
Ri
Input Resistance
f = 1kHz, Non Inverting Input
70
200
k
Ω
fL
Low Frequency Roll off (– 3dB)
RL = 4
Ω
20
Hz
fH
High Frequency Roll off (– 3dB)
RL = 4
Ω
80
kHz
Gv
Voltage Gain (closed loop)
f = 1kHz
35.5
36
36.5
dB
∆Gv
Closed Loop Gain Matching
0.5
dB
eN
Total Input Noise Voltage
Rg = 10k
Ω (1)
Rg = 10k
Ω (2)
1.5
2.5
8
µV
µV
SVR
Supply Voltage Rejection (each channel)
Rg = 10k
Ω
fripple = 100Hz, Vripple = 0.5V
55
dB
TJ
Thermal Shut-down Junction Temperature
145
°C
Notes :
1.
Curve A
2.
22Hz to 22kHz
TDA2009A
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com