Electronic Components Datasheet Search
  English  ▼

X  

TDA2009A Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA2009A
Description  10 10W STEREO AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2009A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA2009A Datasheet HTML 4Page - STMicroelectronics TDA2009A Datasheet HTML 5Page - STMicroelectronics TDA2009A Datasheet HTML 6Page - STMicroelectronics TDA2009A Datasheet HTML 7Page - STMicroelectronics TDA2009A Datasheet HTML 8Page - STMicroelectronics TDA2009A Datasheet HTML 9Page - STMicroelectronics TDA2009A Datasheet HTML 10Page - STMicroelectronics TDA2009A Datasheet HTML 11Page - STMicroelectronics TDA2009A Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
The power dissipated in the circuit must be re-
moved by adding an external heatsink.
Thanks to the MULTIWATT
® package attaching
the heatsink is very simple, a screw or a compres-
sion spring (clip) being sufficient. Between the
heatsink and the package it is better to insert a layer
of silicon grease, to optimize the thermal contact ;
no electrical isolation is needed between the two
MOUNTING INSTRUCTIONS
Figure 18 : Maximum Allowable Power Dissipa-
tion versus Ambient Temperature
Figure 19 : Output Power versus Case
Temperature
Figure 20 : Output Power and Drain Current ver-
sus Case Temperature
TDA2009A
10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com