Electronic Components Datasheet Search
  English  ▼

X  

TDA7294HS Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7294HS
Description  100 V, 100 W DMOS audio amplifier with mute/st-by
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7294HS Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7294HS Datasheet HTML 13Page - STMicroelectronics TDA7294HS Datasheet HTML 14Page - STMicroelectronics TDA7294HS Datasheet HTML 15Page - STMicroelectronics TDA7294HS Datasheet HTML 16Page - STMicroelectronics TDA7294HS Datasheet HTML 17Page - STMicroelectronics TDA7294HS Datasheet HTML 18Page - STMicroelectronics TDA7294HS Datasheet HTML 19Page - STMicroelectronics TDA7294HS Datasheet HTML 20Page - STMicroelectronics TDA7294HS Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
10
Application information
High-efficiency
Constraints of implementing high power solutions are the power dissipation and the size of the power supply.
These are both due to the low efficiency of conventional AB class amplifier approaches.
Here below (Figure 18) is described a circuit proposal for a high efficiency amplifier which can be adopted for both
HI-FI and CAR-RADIO applications.
The TDA7294 is a monolithic MOS power amplifier which can be operated at 80 V supply voltage (100 V with no
signal applied) while delivering output currents up to ± 10 A.
This allows the use of this device as a very high power amplifier (up to 180 W as peak power with
T.H.D. = 10 % and Rl = 4 Ohm); the only drawback is the power dissipation, hardly manageable in the above
power range.
Figure 22 shows the power dissipation versus output power curve for a class AB amplifier, compared with a high
efficiency one.
In order to dimension the heatsink (and the power supply), a generally used average output power value is one
tenth of the maximum output power at T.H.D. = 10 %.
From Figure 22, where the maximum power is around 200 W, we get an average of 20 W, in this condition, for a
class AB amplifier the average power dissipation is equal to 65 W.
The typical junction-to-case thermal resistance of the TDA7294 is 1 °C/W (max= 1.5 °C/W). To avoid that, in worst
case conditions, the chip temperature exceedes 150 °C, the thermal resistance of the heatsink must be 0.038
°C/W (@ max ambient temperature of 50 °C).
As the above value is pratically unreachable; a high efficiency system is needed in those cases where the
continuous RMS output power is higher than 50-60 W.
The TDA7294 was designed to work also in higher efficiency way.
For this reason there are four power supply pins: intended for the signal part and two for the power part.
T1 and T2 are two power transistors that only operate when the output power reaches a certain threshold (e.g. 20
W). If the output power increases, these transistors are switched on during the portion of the signal where more
output voltage swing is needed, thus "bootstrapping" the power supply pins (#13 and #15).
The current generators formed by T4, T7, zener diodes Z1,Z2 and resistors R7, R8 define the minimum drop
across the power MOS transistors of the TDA7294. L1, L2, L3 and the snubbers C9, R1 and C10, R2 stabilize the
loops formed by the "bootstrap" circuits and the output stage of the TDA7294.
TDA7294
Application information
DS0013 - Rev 8
page 17/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com