Electronic Components Datasheet Search
  English  ▼

X  

TDA7294HS Datasheet(PDF) 30 Page - STMicroelectronics

Part # TDA7294HS
Description  100 V, 100 W DMOS audio amplifier with mute/st-by
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7294HS Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TDA7294HS Datasheet HTML 23Page - STMicroelectronics TDA7294HS Datasheet HTML 24Page - STMicroelectronics TDA7294HS Datasheet HTML 25Page - STMicroelectronics TDA7294HS Datasheet HTML 26Page - STMicroelectronics TDA7294HS Datasheet HTML 27Page - STMicroelectronics TDA7294HS Datasheet HTML 28Page - STMicroelectronics TDA7294HS Datasheet HTML 29Page - STMicroelectronics TDA7294HS Datasheet HTML 30Page - STMicroelectronics TDA7294HS Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
List of figures
Figure 1.
Typical application and test circuit ....................................................... 2
Figure 2.
Pin connection (top view) ............................................................. 3
Figure 3.
Block diagram .................................................................... 4
Figure 4.
PCB.and components layout of the circuit of figure below. (1:1 scale) .............................. 8
Figure 5.
Output power vs. supply voltage (RI = 8 Ω) ............................................... 10
Figure 6.
Distortion vs. output power (RI = 8 Ω) ................................................... 10
Figure 7.
Output power vs. supply voltage (RI = 4 Ω) ............................................... 10
Figure 8.
Distortion vs. output power (RI = 4 Ω) ................................................... 10
Figure 9.
Distortion vs. frequency (RI = 8 Ω) ..................................................... 11
Figure 10.
Distortion vs. frequency (RI = 4 Ω) ..................................................... 11
Figure 11.
Quiescent current vs. supply voltage .................................................... 11
Figure 12.
Supply voltage rejection vs. frequency ................................................... 11
Figure 13.
Mute attenuation vs. Vpin10........................................................... 12
Figure 14.
St-by attenuation vs. Vpin9 ........................................................... 12
Figure 15.
Power dissipation vs. output power (RI = 4 Ω).............................................. 12
Figure 16.
Power dissipation vs. output power (RI = 8 Ω).............................................. 12
Figure 17.
Principle schematic of a DMOS unity-gain buffer ............................................ 14
Figure 18.
Turn ON/OFF suggested sequence ..................................................... 15
Figure 19.
Single signal ST-BY/MUTE control circuit ................................................. 15
Figure 20.
High efficiency application circuit....................................................... 18
Figure 21.
P.C.B. and components layout of the circuit of figure 18 (1:1 scale) ............................... 18
Figure 22.
Power dissipation vs. output power (RI = 4 Ω).............................................. 20
Figure 23.
Distortion vs. output power (RI = 4 Ω) ................................................... 20
Figure 24.
Distortion vs. output power (RI = 8 Ω) ................................................... 20
Figure 25.
Power dissipation vs. output power (RI = 4 Ω).............................................. 20
Figure 26.
Power dissipation vs. output power (RI = 8 Ω).............................................. 21
Figure 27.
Bridge application circuit ............................................................ 22
Figure 28.
Frequency response of the bridge application .............................................. 23
Figure 29.
Distortion vs. output power (RI = 8 Ω) ................................................... 23
Figure 30.
Distortion vs. output power (RI = 16 Ω) .................................................. 23
Figure 31.
Multiwatt15 V package outline ........................................................ 25
Figure 32.
Multiwatt15 H package outline ........................................................ 26
TDA7294
List of figures
DS0013 - Rev 8
page 30/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com