Electronic Components Datasheet Search
  English  ▼

X  

TDA7294HS Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7294HS
Description  100 V, 100 W DMOS audio amplifier with mute/st-by
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7294HS Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7294HS Datasheet HTML 15Page - STMicroelectronics TDA7294HS Datasheet HTML 16Page - STMicroelectronics TDA7294HS Datasheet HTML 17Page - STMicroelectronics TDA7294HS Datasheet HTML 18Page - STMicroelectronics TDA7294HS Datasheet HTML 19Page - STMicroelectronics TDA7294HS Datasheet HTML 20Page - STMicroelectronics TDA7294HS Datasheet HTML 21Page - STMicroelectronics TDA7294HS Datasheet HTML 22Page - STMicroelectronics TDA7294HS Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
In Figure 23, Figure 24 the performances of the system in terms of distortion and output power at various
frequencies (measured on PCB shown in Figure 21) are displayed.
The output power that the TDA7294 in highefficiency application is able to supply at Vs = + 40 V / + 20 V / - 20 V /
- 40 V; f = 1 kHz is:
- Pout = 150 W @ T.H.D. = 10 % with Rl = 4 Ω
- Pout = 120 W @ T.H.D. = 1 % with Rl = 4 Ω
- Pout = 100 W @ T.H.D. = 10 % with Rl = 8 Ω
- Pout = 80 W @ T.H.D. = 10 % with Rl = 8 Ω
Results from efficiency measurements (4 and 8 Ω loads, Vs = ± 40 V) are shown by figures Figure 25 and
Figure 26. We have 3 curves: total power dissipation, power dissipation of the TDA7294 and power dissipation of
the darlingtons.
By considering again a maximum average output power (music signal) of 20 W, in case of the high efficiency
application, the thermal resistance value needed from the heatsink is 2.2 °C / W (Vs = ± 40 V and Rl = 4 Ω).
All components (TDA7294 and power transistors T1 and T2) can be placed on a 1.5 °C / W heatsink, with the
power darlingtons electrically insulated from the heatsink.
Since the total power dissipation is less than that of a usual class AB amplifier, additional cost savings can be
obtained while optimizing the power supply, even with a high headroom.
TDA7294
Application information
DS0013 - Rev 8
page 19/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com