Electronic Components Datasheet Search
  English  ▼

X  

136-034 Datasheet(PDF) 21 Page - TE Connectivity Ltd

Part # 136-034
Description  FLAT AND ROUND CABLE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

136-034 Datasheet(HTML) 21 Page - TE Connectivity Ltd

Back Button 136-034 Datasheet HTML 17Page - TE Connectivity Ltd 136-034 Datasheet HTML 18Page - TE Connectivity Ltd 136-034 Datasheet HTML 19Page - TE Connectivity Ltd 136-034 Datasheet HTML 20Page - TE Connectivity Ltd 136-034 Datasheet HTML 21Page - TE Connectivity Ltd 136-034 Datasheet HTML 22Page - TE Connectivity Ltd 136-034 Datasheet HTML 23Page - TE Connectivity Ltd 136-034 Datasheet HTML 24Page - TE Connectivity Ltd 136-034 Datasheet HTML 25Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
IDC Systems
High Flex Life Flat Ribbon Cables
121
Thomas & Betts Electronics/OEM Division Tel: 901-252-5000 Fax: 901-252-1312
Dimensions shown are for reference only. Dimensions are in millimeters (inches).
Ordering Information
DIMENSIONS IN MM (INCHES)
CATALOG
NUMBER OF
B
NUMBERS
CONDUCTORS
A
B
TOLERANCE
185-09
9
11.43 (.450)
10.16 (.400)
±.18 (.007)
185-10
10
12.70 (.500)
11.43 (.450)
±.18 (.007)
185-14
14
17.78 (.700)
16.51 (.650)
±.18 (.007)
185-16
16
20.32 (.800)
19.05 (.750)
±.25 (.010)
185-18
18
22.86 (.900)
21.59 (.850)
±.25 (.010)
185-20
20
25.40 (1.000)
24.13 (.950)
±.25 (.010)
185-22
22
27.94 (1.100)
26.67 (1.050)
±.25 (.010)
185-24
24
30.48 (1.200)
29.21 (1.150)
±.25 (.010)
185-26
26
33.02 (1.300)
31.75 (1.250)
±.25 (.010)
185-34
34
43.18 (1.700)
41.91 (1.650)
±.25 (.010)
185-40
40
50.80 (2.000)
49.53 (1.950)
±.38 (.015)
185-50
50
63.50 (2.500)
62.23 (2.450)
±.38 (.015)
.050" PITCH HIGH FLEX LIFE FLAT CABLE
SERIES 185 – 28 AWG STRANDED (19/40) STRANDED
PHYSICAL PROPERTIES
INSULATION MATERIAL: PVC
CONDUCTORS: 28 AWG, (19/40) Stranded
CONDUCTORS SPACING MM (IN): 1.27 (.050)
ELECTRICAL PROPERTIES
VOLTAGE RATING: 300V rms
INSULATION RESISTANCE: >1010 Ohms
IMPEDANCE: 96 Ohms
CAPACITANCE @ 1 MHZ: 53 pF/m (16.0 pF/ft.)
INDUCTANCE @ 1 MHZ: .51 µH/m (.16 µH/ft.)
PROPOGATION DELAY: 4.53 nSec/m (1.38 nSec/ft.)
ENVIRONMENTAL PROPERTIES
TEMPERATURE RATING: 105˚ C
FEATURES
• Special 19/40 Conductor Stranding for Superior Flex Life; approx. 50 million cycles (1-1/2" loop)
PACKAGING
STANDARD: Splice free 100 foot rolls with UL/CSA markings on reels
OPTIONAL: Other roll quantities and labeling options available. See page 129 for details.
TYPICAL CROSSTALK CHARACTERISTICS: 10FT Sample, 1 line driven, 1 line sensed
Test Method
G-S-G
G-G-S-G-G
Rise Time nSec
3.0
7.0
Near End (%)
5.0
3.2
Far End (%)
6.7
2.7
UL Style No. 2651
UL94VW-1 COMPLIANT
LL53375
E41651



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com