Electronic Components Datasheet Search
  English  ▼

X  

136-034 Datasheet(PDF) 24 Page - TE Connectivity Ltd

Part # 136-034
Description  FLAT AND ROUND CABLE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

136-034 Datasheet(HTML) 24 Page - TE Connectivity Ltd

Back Button 136-034 Datasheet HTML 20Page - TE Connectivity Ltd 136-034 Datasheet HTML 21Page - TE Connectivity Ltd 136-034 Datasheet HTML 22Page - TE Connectivity Ltd 136-034 Datasheet HTML 23Page - TE Connectivity Ltd 136-034 Datasheet HTML 24Page - TE Connectivity Ltd 136-034 Datasheet HTML 25Page - TE Connectivity Ltd 136-034 Datasheet HTML 26Page - TE Connectivity Ltd 136-034 Datasheet HTML 27Page - TE Connectivity Ltd 136-034 Datasheet HTML 28Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
IDC Systems
Flat Ribbon Cables
124
Thomas & Betts Electronics/OEM Division Tel: 901-252-5000 Fax: 901-252-1312
Dimensions shown are for reference only. Dimensions are in millimeters (inches).
Ordering Information
DIMENSIONS IN MM (INCHES)
CATALOG
NUMBER OF
B
NUMBERS
CONDUCTORS
A ±2.54 (.10)
B
TOLERANCE
196-14
14
24.13 (.95)
16.51 (.650)
±.25 (.007)
196-20
20
31.75 (1.25)
24 13 (.950)
±.25 (.010)
196-25
25
38.10 (1.50)
30.48 (1.200)
± .25 (.010)
196-26
26
39.37 (1.55)
31.75 (l 250)
±.25 (.010)
196-34
34
49.53 (1.95)
41.91 (1.650)
±.25 (.010)
196-37
37
53.34 (2.10)
45.72 (1.800)
±.38 (.015)
196-40
40
57.15 (2.25)
49.53 (1.950)
±.38 (.015)
196-50
50
69.85 (2.75)
62.23 (2.450)
± .38 (.015)
196-60
60
82.55 (3.25)
74.93 (2.950)
±.38 (.015)
196-64
64
87.63 (3.45)
80.01 (3.150)
±.38 (.015)
.050" PITCH GROUND PLANE FLAT CABLE
SERIES 196 – 28 AWG (7/36) STRANDED
PHYSICAL PROPERTIES
INSULATION MATERIAL: PVC
CONDUCTORS: 28 AWG (7/36), Stranded
CONDUCTOR SPACING MM (IN): 1.27 (.050)
ELECTRICAL PROPERTIES
VOLTAGE RATING: 300V rms
IMPEDANCE: 66 Ohms
CAPACITANCE @ 1 MHZ: 95.0 pF/m (29.0 pF/ft.)
PROPOGATION DELAY: 6.07 nSec/m (1.85 nSec/ft.)
ENVIRONMENTAL PROPERTIES
TEMPERATURE RATING: 105˚ C
UL Style No. 20218
UL94VW-1 COMPLIANT
LL53375
E41651



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com