Electronic Components Datasheet Search
  English  ▼

X  

136-034 Datasheet(PDF) 28 Page - TE Connectivity Ltd

Part # 136-034
Description  FLAT AND ROUND CABLE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

136-034 Datasheet(HTML) 28 Page - TE Connectivity Ltd

Back Button 136-034 Datasheet HTML 21Page - TE Connectivity Ltd 136-034 Datasheet HTML 22Page - TE Connectivity Ltd 136-034 Datasheet HTML 23Page - TE Connectivity Ltd 136-034 Datasheet HTML 24Page - TE Connectivity Ltd 136-034 Datasheet HTML 25Page - TE Connectivity Ltd 136-034 Datasheet HTML 26Page - TE Connectivity Ltd 136-034 Datasheet HTML 27Page - TE Connectivity Ltd 136-034 Datasheet HTML 28Page - TE Connectivity Ltd 136-034 Datasheet HTML 29Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
PREPARED (VALVE ADDED)
.050" PITCH ROUND-TO-FLAT CABLE
SERIES 203 – 28 AWG (7/36) STRANDED—NON-TWISTED PAIR
SERIES 204 – 28 AWG (7/36) STRANDED—TWISTED PAIR
IDC Systems
Mass Termination
128
Thomas & Betts Electronics/OEM Division Tel: 901-252-5000 Fax: 901-252-1312
Dimensions shown are for reference only. Dimensions are in millimeters (inches).
SERIES 203
NON-TWISTED ROUND-TO-FLAT CABLE
“A”
POSITIONS
DIMENSIONS
DIAMETER
(PAIRS)
Pn
W
.190
9
10.16 (0.40)
11.02 (.434)
.245
14
16.51 (0.65)
17.37 (.684)
.250
15
17.78 (0.70)
18.64 (.734)
.255
16
19.05 (0.75)
19.91 (.784)
.275
20
24.13 (0.95)
24.99 (.984)
.290
24
29.21 (1.15)
30.07 (1.18)
.295
25
30.48 (1.20)
31.34 (1.23)
.300
26
31.75 (1.25)
32.61 (1.28)
.330
34
41.91 (1.65)
42.77 (1.68)
.335
36
44.45 (1.75)
45.31 (1.78)
.340
37
46.74 (1.80)
46.58 (1.83)
.345
40
49.53 (1.95)
47.85 (1.88)
.385
50
62.23 (2.45)
63.09 (2.48)
.440
64
80.01 (3.15)
SERIES 204
TWISTED PAIR ROUND-TO-FLAT CABLE
“A”
POSITIONS
DIMENSIONS
DIAMETER
(PAIRS)
Pn
W
.225
10
11.43 (0.45)
12.29 (.484)
.280
14
16.51 (0.65)
17.37 (.684)
.290
16
19.05 (0.75)
19.91 (.784)
.315
20
24.13 (0.95)
24.99 (.984)
.320
24
29.21 (1.15)
30.07 (1.18)
.330
26
31.75 (1.25)
32.61 (1.28)
.365
34
41.91 (1.65)
42.77 (1.68)
.370
36
44.45 (1.75)
45.31 (1.78)
.375
40
49.53 (1.95)
47.85 (1.88)
.425
50
62.23 (2.45)
63.09 (2.48)
.480
64
80.01 (3.15)
81.28 (3.20)
PITCH TYP. ACCUMULATION OF PITCH TOLERANCE BETWEEN
CONDUCTORS IN ENTIRE CABLE MAY NOT EXCEED
TOLERANCE OF DIMENSION Pn.
20X -XX -XX00 -X
3 – Non-Twisted
4 – Twisted Pair
1 – Shielded
2 – Unshielded
# of Conductors
(See Below)
*Length In Feet
02 – 2 ft long
05 – 5 ft long
10 – 10 ft long
Length In Whole Inches
UL94VW-1 COMPLIANT
UL Style No. 2517
LL53375
E41651
“Spread Pitch Lamination”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com