Electronic Components Datasheet Search
  English  ▼

X  

CC1310 Datasheet(PDF) 40 Page - Texas Instruments

Part # CC1310
Description  CC2652R SimpleLink™ Multiprotocol 2.4 GHz Wireless MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1310 Datasheet(HTML) 40 Page - Texas Instruments

Back Button CC1310 Datasheet HTML 36Page - Texas Instruments CC1310 Datasheet HTML 37Page - Texas Instruments CC1310 Datasheet HTML 38Page - Texas Instruments CC1310 Datasheet HTML 39Page - Texas Instruments CC1310 Datasheet HTML 40Page - Texas Instruments CC1310 Datasheet HTML 41Page - Texas Instruments CC1310 Datasheet HTML 42Page - Texas Instruments CC1310 Datasheet HTML 43Page - Texas Instruments CC1310 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 61 page
background image
• Dedicated SPI master with up to 6 MHz clock speed
The peripherals in the Sensor Controller can also be controlled from the main application processor.
9.6 Cryptography
The CC2652R device comes with a wide set of modern cryptography-related hardware accelerators, drastically
reducing code footprint and execution time for cryptographic operations. It also has the benefit of being lower
power and improves availability and responsiveness of the system because the cryptography operations runs in
a background hardware thread.
Together with a large selection of open-source cryptography libraries provided with the Software Development
Kit (SDK), this allows for secure and future proof IoT applications to be easily built on top of the platform. The
hardware accelerator modules are:
• True Random Number Generator (TRNG) module provides a true, nondeterministic noise source for the
purpose of generating keys, initialization vectors (IVs), and other random number requirements. The TRNG is
built on 24 ring oscillators that create unpredictable output to feed a complex nonlinear-combinatorial circuit.
• Secure Hash Algorithm 2 (SHA-2) with support for SHA224, SHA256, SHA384, and SHA512
• Advanced Encryption Standard (AES) with 128 and 256 bit key lengths
• Public Key Accelerator - Hardware accelerator supporting mathematical operations needed for elliptic
curves up to 512 bits and RSA key pair generation up to 1024 bits.
Through use of these modules and the TI provided cryptography drivers, the following capabilities are available
for an application or stack:
• Key Agreement Schemes
– Elliptic curve Diffie–Hellman with static or ephemeral keys (ECDH and ECDHE)
– Elliptic curve Password Authenticated Key Exchange by Juggling (ECJ-PAKE)
• Signature Generation
– Elliptic curve Diffie-Hellman Digital Signature Algorithm (ECDSA)
• Curve Support
– Short Weierstrass form (full hardware support), such as:
• NIST-P224, NIST-P256, NIST-P384, NIST-P521
• Brainpool-256R1, Brainpool-384R1, Brainpool-512R1
• secp256r1
– Montgomery form (hardware support for multiplication), such as:
• Curve25519
• SHA2 based MACs
– HMAC with SHA224, SHA256, SHA384, or SHA512
• Block cipher mode of operation
– AESCCM
– AESGCM
– AESECB
– AESCBC
– AESCBC-MAC
• True random number generation
Other capabilities, such as RSA encryption and signatures as well as Edwards type of elliptic curves such as
Curve1174 or Ed25519, can also be implemented using the provided hardware accelerators but are not part of
the TI SimpleLink SDK for the CC2652R device.
CC2652R
SWRS207J – JANUARY 2018 – REVISED NOVEMBER 2023
www.ti.com
40
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CC2652R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com