Electronic Components Datasheet Search
  English  ▼

X  

CC1310 Datasheet(PDF) 12 Page - Texas Instruments

Part # CC1310
Description  CC2652R SimpleLink™ Multiprotocol 2.4 GHz Wireless MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1310 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC1310 Datasheet HTML 8Page - Texas Instruments CC1310 Datasheet HTML 9Page - Texas Instruments CC1310 Datasheet HTML 10Page - Texas Instruments CC1310 Datasheet HTML 11Page - Texas Instruments CC1310 Datasheet HTML 12Page - Texas Instruments CC1310 Datasheet HTML 13Page - Texas Instruments CC1310 Datasheet HTML 14Page - Texas Instruments CC1310 Datasheet HTML 15Page - Texas Instruments CC1310 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
8.10 Bluetooth Low Energy - Receive (RX)
When measured on the CC26x2REM-7ID reference design with Tc = 25 °C, VDDS = 3.0 V, fRF= 2440 MHz with
DC/DC enabled unless otherwise noted. All measurements are performed at the antenna input with a combined RX and TX
path. All measurements are performed conducted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
125 kbps (LE Coded)
Receiver sensitivity
Differential mode. BER = 10–3
–105
dBm
Receiver saturation
Differential mode. BER = 10–3
>5
dBm
Frequency error tolerance
Difference between the incoming carrier frequency and
the internally generated carrier frequency
> (–300 / 300)
kHz
Data rate error tolerance
Difference between incoming data rate and the internally
generated data rate (37 byte packets)
> (–320 / 240)
ppm
Data rate error tolerance
Difference between incoming data rate and the internally
generated data rate (255 byte packets)
> (–125 / 100)
ppm
Co-channel rejection(1)
Wanted signal at –79 dBm, modulated interferer in
channel, BER = 10–3
–1.5
dB
Selectivity, ±1 MHz(1)
Wanted signal at –79 dBm, modulated interferer at ±1
MHz, BER = 10–3
8 / 4.5(2)
dB
Selectivity, ±2 MHz(1)
Wanted signal at –79 dBm, modulated interferer at ±2
MHz, BER = 10–3
44 / 37 (2)
dB
Selectivity, ±3 MHz(1)
Wanted signal at –79 dBm, modulated interferer at ±3
MHz, BER = 10–3
46 / 44(2)
dB
Selectivity, ±4 MHz(1)
Wanted signal at –79 dBm, modulated interferer at ±4
MHz, BER = 10–3
44 / 46(2)
dB
Selectivity, ±6 MHz(1)
Wanted signal at –79 dBm, modulated interferer at ≥ ±6
MHz, BER = 10–3
48 / 44(2)
dB
Selectivity, ±7 MHz
Wanted signal at –79 dBm, modulated interferer at ≥ ±7
MHz, BER = 10–3
51 / 45(2)
dB
Selectivity, Image frequency(1)
Wanted signal at –79 dBm, modulated interferer at image
frequency, BER = 10–3
37
dB
Selectivity, Image frequency ±1
MHz(1)
Note that Image frequency + 1 MHz is the Co- channel
–1 MHz. Wanted signal at –79 dBm, modulated interferer
at ±1 MHz from image frequency, BER = 10–3
4.5 / 44 (2)
dB
500 kbps (LE Coded)
Receiver sensitivity
Differential mode. BER = 10–3
–100
dBm
Receiver saturation
Differential mode. BER = 10–3
> 5
dBm
Frequency error tolerance
Difference between the incoming carrier frequency and
the internally generated carrier frequency
> (–300 / 300)
kHz
Data rate error tolerance
Difference between incoming data rate and the internally
generated data rate (37 byte packets)
> (–450 / 450)
ppm
Data rate error tolerance
Difference between incoming data rate and the internally
generated data rate (255 byte packets)
> (–150/ 175)
ppm
Co-channel rejection(1)
Wanted signal at –72 dBm, modulated interferer in
channel, BER = 10–3
–3.5
dB
Selectivity, ±1 MHz(1)
Wanted signal at –72 dBm, modulated interferer at ±1
MHz, BER = 10–3
8 / 4(2)
dB
Selectivity, ±2 MHz(1)
Wanted signal at –72 dBm, modulated interferer at ±2
MHz, BER = 10–3
43 / 35 (2)
dB
Selectivity, ±3 MHz(1)
Wanted signal at –72 dBm, modulated interferer at ±3
MHz, BER = 10–3
46 / 46(2)
dB
Selectivity, ±4 MHz(1)
Wanted signal at –72 dBm, modulated interferer at ±4
MHz, BER = 10–3
45 / 47(2)
dB
Selectivity, ±6 MHz(1)
Wanted signal at –72 dBm, modulated interferer at ≥ ±6
MHz, BER = 10–3
46 / 45(2)
dB
Selectivity, ±7 MHz
Wanted signal at –72 dBm, modulated interferer at ≥ ±7
MHz, BER = 10–3
49 / 45(2)
dB
Selectivity, Image frequency(1)
Wanted signal at –72 dBm, modulated interferer at image
frequency, BER = 10–3
35
dB
CC2652R
SWRS207J – JANUARY 2018 – REVISED NOVEMBER 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CC2652R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com