Electronic Components Datasheet Search
  English  ▼

X  

CC1310 Datasheet(PDF) 13 Page - Texas Instruments

Part # CC1310
Description  CC2652R SimpleLink™ Multiprotocol 2.4 GHz Wireless MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1310 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC1310 Datasheet HTML 9Page - Texas Instruments CC1310 Datasheet HTML 10Page - Texas Instruments CC1310 Datasheet HTML 11Page - Texas Instruments CC1310 Datasheet HTML 12Page - Texas Instruments CC1310 Datasheet HTML 13Page - Texas Instruments CC1310 Datasheet HTML 14Page - Texas Instruments CC1310 Datasheet HTML 15Page - Texas Instruments CC1310 Datasheet HTML 16Page - Texas Instruments CC1310 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
8.10 Bluetooth Low Energy - Receive (RX) (continued)
When measured on the CC26x2REM-7ID reference design with Tc = 25 °C, VDDS = 3.0 V, fRF= 2440 MHz with
DC/DC enabled unless otherwise noted. All measurements are performed at the antenna input with a combined RX and TX
path. All measurements are performed conducted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Selectivity, Image frequency ±1
MHz(1)
Note that Image frequency + 1 MHz is the Co- channel
–1 MHz. Wanted signal at –72 dBm, modulated interferer
at ±1 MHz from image frequency, BER = 10–3
4 / 46(2)
dB
1 Mbps (LE 1M)
Receiver sensitivity
Differential mode. BER = 10–3
–97
dBm
Receiver saturation
Differential mode. BER = 10–3
> 5
dBm
Frequency error tolerance
Difference between the incoming carrier frequency and
the internally generated carrier frequency
> (–350 / 350)
kHz
Data rate error tolerance
Difference between incoming data rate and the internally
generated data rate (37 byte packets)
> (–650 / 750)
ppm
Co-channel rejection(1)
Wanted signal at –67 dBm, modulated interferer in
channel, BER = 10–3
–6
dB
Selectivity, ±1 MHz(1)
Wanted signal at –67 dBm, modulated interferer at ±1
MHz, BER = 10–3
7 / 4(2)
dB
Selectivity, ±2 MHz(1)
Wanted signal at –67 dBm, modulated interferer at ±2
MHz,BER = 10–3
39 / 33(2)
dB
Selectivity, ±3 MHz(1)
Wanted signal at –67 dBm, modulated interferer at ±3
MHz, BER = 10–3
36 / 40 (2)
dB
Selectivity, ±4 MHz(1)
Wanted signal at –67 dBm, modulated interferer at ±4
MHz, BER = 10–3
36 / 45(2)
dB
Selectivity, ±5 MHz or more(1)
Wanted signal at –67 dBm, modulated interferer at ≥ ±5
MHz, BER = 10–3
40
dB
Selectivity, image frequency(1)
Wanted signal at –67 dBm, modulated interferer at image
frequency, BER = 10–3
33
dB
Selectivity, image frequency
±1 MHz(1)
Note that Image frequency + 1 MHz is the Co- channel
–1 MHz. Wanted signal at –67 dBm, modulated interferer
at ±1 MHz from image frequency, BER = 10–3
4 / 41(2)
dB
Out-of-band blocking(3)
30 MHz to 2000 MHz
–10
dBm
Out-of-band blocking
2003 MHz to 2399 MHz
–18
dBm
Out-of-band blocking
2484 MHz to 2997 MHz
–12
dBm
Out-of-band blocking
3000 MHz to 12.75 GHz
–2
dBm
Intermodulation
Wanted signal at 2402 MHz, –64 dBm. Two interferers
at 2405 and 2408 MHz respectively, at the given power
level
–42
dBm
Spurious emissions,
30 to 1000 MHz(4)
Measurement in a 50 Ω single-ended load.
< –59
dBm
Spurious emissions,
1 to 12.75 GHz(4)
Measurement in a 50 Ω single-ended load.
< –47
dBm
RSSI dynamic range
70
dB
RSSI accuracy
±4
dB
2 Mbps (LE 2M)
Receiver sensitivity
Differential mode. Measured at SMA connector, BER =
10–3
–91
dBm
Receiver saturation
Differential mode. Measured at SMA connector, BER =
10–3
> 5
dBm
Frequency error tolerance
Difference between the incoming carrier frequency and
the internally generated carrier frequency
> (–500 / 500)
kHz
Data rate error tolerance
Difference between incoming data rate and the internally
generated data rate (37 byte packets)
> (–700 / 750)
ppm
Co-channel rejection(1)
Wanted signal at –67 dBm, modulated interferer in
channel,BER = 10–3
–7
dB
Selectivity, ±2 MHz(1)
Wanted signal at –67 dBm, modulated interferer at ±2
MHz, Image frequency is at –2 MHz, BER = 10–3
8 / 4(2)
dB
www.ti.com
CC2652R
SWRS207J – JANUARY 2018 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: CC2652R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com