Electronic Components Datasheet Search
  English  ▼

X  

CC2652P Datasheet(PDF) 28 Page - Texas Instruments

Part # CC2652P
Description  CC2642R SimpleLink™ Bluetooth ® 5.2 Low Energy Wireless MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2652P Datasheet(HTML) 28 Page - Texas Instruments

Back Button CC2652P Datasheet HTML 24Page - Texas Instruments CC2652P Datasheet HTML 25Page - Texas Instruments CC2652P Datasheet HTML 26Page - Texas Instruments CC2652P Datasheet HTML 27Page - Texas Instruments CC2652P Datasheet HTML 28Page - Texas Instruments CC2652P Datasheet HTML 29Page - Texas Instruments CC2652P Datasheet HTML 30Page - Texas Instruments CC2652P Datasheet HTML 31Page - Texas Instruments CC2652P Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
8.14 Typical Characteristics
All measurements in this section are done with Tc = 25 °C and VDDS = 3.0 V, unless otherwise noted. See
Recommended Operating Conditions for device limits. Values exceeding these limits are for reference only.
8.14.1 MCU Current
Voltage [V]
Running Coremark, SCLK_HF = 48 MHz RCOSC
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
2.5
3
3.5
4
4.5
5
5.5
6
Figure 8-4. Active Mode (MCU) Current vs.
Supply Voltage (VDDS)
Temperature [°C]
80 kB RAM Retention, no Cache Retention, RTC On
SCLK_LF = 32 kHz XOSC
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
Figure 8-5. Standby Mode (MCU) Current vs.
Temperature
CC2642R
SWRS194J – JANUARY 2018 – REVISED NOVEMBER 2023
www.ti.com
28
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CC2642R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com