Electronic Components Datasheet Search
  English  ▼

X  

CC2652P Datasheet(PDF) 39 Page - Texas Instruments

Part # CC2652P
Description  CC2642R SimpleLink™ Bluetooth ® 5.2 Low Energy Wireless MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2652P Datasheet(HTML) 39 Page - Texas Instruments

Back Button CC2652P Datasheet HTML 35Page - Texas Instruments CC2652P Datasheet HTML 36Page - Texas Instruments CC2652P Datasheet HTML 37Page - Texas Instruments CC2652P Datasheet HTML 38Page - Texas Instruments CC2652P Datasheet HTML 39Page - Texas Instruments CC2652P Datasheet HTML 40Page - Texas Instruments CC2652P Datasheet HTML 41Page - Texas Instruments CC2652P Datasheet HTML 42Page - Texas Instruments CC2652P Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
9.8 Serial Peripherals and I/O
The SSIs are synchronous serial interfaces that are compatible with SPI, MICROWIRE, and TI's synchronous
serial interfaces. The SSIs support both SPI master and slave up to 4 MHz. The SSI modules support
configurable phase and polarity.
The UARTs implement universal asynchronous receiver and transmitter functions. They support flexible baud-
rate generation up to a maximum of 3 Mbps.
The I2S interface is used to handle digital audio and can also be used to interface pulse-density modulation
microphones (PDM).
The I2C interface is also used to communicate with devices compatible with the I2C standard. The I2C interface
can handle 100 kHz and 400 kHz operation, and can serve as both master and slave.
The I/O controller (IOC) controls the digital I/O pins and contains multiplexer circuitry to allow a set of peripherals
to be assigned to I/O pins in a flexible manner. All digital I/Os are interrupt and wake-up capable, have a
programmable pullup and pulldown function, and can generate an interrupt on a negative or positive edge
(configurable). When configured as an output, pins can function as either push-pull or open-drain. Five GPIOs
have high-drive capabilities, which are marked in bold in Section 7. All digital peripherals can be connected to
any digital pin on the device.
For more information, see the CC13x2, CC26x2 SimpleLink™ Wireless MCU Technical Reference Manual.
9.9 Battery and Temperature Monitor
A combined temperature and battery voltage monitor is available in the CC2642R device. The battery and
temperature monitor allows an application to continuously monitor on-chip temperature and supply voltage
and respond to changes in environmental conditions as needed. The module contains window comparators to
interrupt the system CPU when temperature or supply voltage go outside defined windows. These events can
also be used to wake up the device from Standby mode through the Always-On (AON) event fabric.
9.10 µDMA
The device includes a direct memory access (µDMA) controller. The µDMA controller provides a way to offload
data-transfer tasks from the system CPU, thus allowing for more efficient use of the processor and the available
bus bandwidth. The µDMA controller can perform a transfer between memory and peripherals. The µDMA
controller has dedicated channels for each supported on-chip module and can be programmed to automatically
perform transfers between peripherals and memory when the peripheral is ready to transfer more data.
Some features of the µDMA controller include the following (this is not an exhaustive list):
• Highly flexible and configurable channel operation of up to 32 channels
• Transfer modes: memory-to-memory, memory-to-peripheral, peripheral-to-memory, and
peripheral-to-peripheral
• Data sizes of 8, 16, and 32 bits
• Ping-pong mode for continuous streaming of data
9.11 Debug
The debug subsystem implements two IEEE standards for debug and test purposes:
IEEE 1149.7 Class 4: Reduced-pin and Enhanced-functionality Test Access port and Boundary-scan
Architecture. This is known by the acronym cJTAG (compact JTAG) and this device uses only two pins to
communicate to the target: TMS (JTAG_TMSC) and TCK (JTAG_TCKC). This is the default mode of operation
IEEE standard 1149.1: Test Access Port and Boundary Scan Architecture Test Access Port (TAP). This
standard is known by the acronym JTAG and this device uses four pins to communicate to the target: TMS
(JTAG_TMSC), TCK (JTAG_TCKC), TDI (JTAG_TDI) and TDO (JTAG_TDO).
The debug subsystem also implements a user-configurable firewall to control unauthorized access to debug/test
ports.
www.ti.com
CC2642R
SWRS194J – JANUARY 2018 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: CC2642R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com