Electronic Components Datasheet Search
  English  ▼

X  

CC2652P Datasheet(PDF) 32 Page - Texas Instruments

Part # CC2652P
Description  CC2642R SimpleLink™ Bluetooth ® 5.2 Low Energy Wireless MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2652P Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC2652P Datasheet HTML 28Page - Texas Instruments CC2652P Datasheet HTML 29Page - Texas Instruments CC2652P Datasheet HTML 30Page - Texas Instruments CC2652P Datasheet HTML 31Page - Texas Instruments CC2652P Datasheet HTML 32Page - Texas Instruments CC2652P Datasheet HTML 33Page - Texas Instruments CC2652P Datasheet HTML 34Page - Texas Instruments CC2652P Datasheet HTML 35Page - Texas Instruments CC2652P Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
8.14.5 TX Performance
Temperature [°C]
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
-2
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Figure 8-14. Output Power vs.
Temperature (BLE 1 Mbps, 2.44 GHz, 0 dBm)
Temperature [°C]
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
5.8
6
6.2
6.4
6.6
6.8
7
Figure 8-15. Output Power vs.
Temperature (BLE 1 Mbps, 2.44 GHz, +5 dBm)
Voltage [V]
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
-2
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Figure 8-16. Output Power vs.
Supply Voltage (VDDS) (BLE 1 Mbps, 2.44 GHz, 0
dBm)
Voltage [V]
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
5.8
6
6.2
6.4
6.6
6.8
7
Figure 8-17. Output Power vs.
Supply Voltage (VDDS) (BLE 1 Mbps, 2.44 GHz, +5
dBm)
Frequency [GHz]
2.4
2.408
2.416
2.424
2.432
2.44
2.448
2.456
2.464
2.472
2.48
-2
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Figure 8-18. Output Power vs.
Frequency (BLE 1 Mbps, 2.44 GHz, 0 dBm)
Frequency [GHz]
2.4
2.408
2.416
2.424
2.432
2.44
2.448
2.456
2.464
2.472
2.48
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
5.8
6
6.2
6.4
6.6
6.8
7
Figure 8-19. Output Power vs.
Frequency (BLE 1 Mbps, 2.44 GHz, +5 dBm)
CC2642R
SWRS194J – JANUARY 2018 – REVISED NOVEMBER 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CC2642R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com