| Electronic Components Datasheet Search |
|
ATQ24722SSX Datasheet(PDF) 3 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ATQ24722SSX Datasheet(HTML) 3 Page - Panasonic Semiconductor |
|
3 / 22 page ![]() Panasonic Industry Co., Ltd. Electromechanical Control Business Division industrial.panasonic.com/ac/e/ ASCTB14E 202405 Panasonic Industry Co., Ltd. 2024 Signal Relays ( 2 A or less ) TQ RELAYS TYPES Rated coil voltage(DC)*1,2 1.5(SMD only),3, 4.5, 5, 6, 9, 12, 24, 48V Terminal shape Nil:Standard PC board terminal H :Self-clinching terminal SA:SA type SL :SL type SS :SS type Packing style*3 Nil:Tube packing X :Tape and reel (picked from 1/2/3/4/5-pin side) Z :Tape and reel packing (picked from the 6/7/8/9/10-pin side) W :Tape and reel packing (picked from the 1/2/3/4/5-pin side) With humidity indicator and silica gel in moisture proof bag*4 Y :Tape and reel packing (picked from the 6/7/8/9/10-pin side) With humidity indicator and silica gel in moisture proof bag*4 Operating function Nil:Single side stable L :1 coil latching L2 :2 coil latching Contact arrangement 2:2 Form C (2 Form D) MBB function Nil :Standard(B.B.M.)type 2M:M.B.B. type (PC board terminal (Standard/Self-clinching terminal) only) *1: 48 V coil type: Single side stable only *2: In case of 5 V transistor drive circuit, it is recommended to use 4.5 V type relay. *3: The W and Y at the end of the part number is only available for SA and SS. *4: Each reel is packed with humidity indicators and silica gel in the moisuture proof pack. TQ ORDERING INFORMATION ( TYPE NO. : Ordering part number for non Japanese market ) " Type No. " is ordering part number for non Japanese market. " Part No. " is ordering part number for Japanese market. ● PC board terminal ( self-clinching terminal ): Tube packing Contact arrangement Rated coil voltage Single side stable 1 coil latching 2 coil latching Standard packing Type No. Part No. Type No. Part No. Type No. Part No. Carton ( 1 Tube packing ) Outer carton 2 Form C 3 V DC TQ2H-3V ATQ231 TQ2H-L-3V ATQ241 TQ2H-L2-3V ATQ251 50 pcs. 1,000 pcs. 4.5 V DC TQ2H-4.5V ATQ236 TQ2H-L-4.5V ATQ246 TQ2H-L2-4.5V ATQ256 5 V DC TQ2H-5V ATQ239 TQ2H-L-5V ATQ249 TQ2H-L2-5V ATQ259 6 V DC TQ2H-6V ATQ232 TQ2H-L-6V ATQ242 TQ2H-L2-6V ATQ252 9 V DC TQ2H-9V ATQ237 TQ2H-L-9V ATQ247 TQ2H-L2-9V ATQ257 12 V DC TQ2H-12V ATQ233 TQ2H-L-12V ATQ243 TQ2H-L2-12V ATQ253 24 V DC TQ2H-24V ATQ234 TQ2H-L-24V ATQ244 TQ2H-L2-24V ATQ254 48 V DC TQ2H-48V ATQ235 − − − − Note) The products ( ATQ***25 ) designed to withstand strong vibration caused, for example, by the use of terminal cutters, can also be ordered. However, please inquire our sales representative for details, if you need parts for use in low level load. ■ Standard contact ● PC board terminal ( standard ): Tube packing Contact arrangement Rated coil voltage Single side stable 1 coil latching 2 coil latching Standard packing Type No. Part No. Type No. Part No. Type No. Part No. Carton ( 1 Tube packing ) Outer carton 2 Form C 3 V DC TQ2-3V ATQ201 TQ2-L-3V ATQ211 TQ2-L2-3V ATQ221 50 pcs. 1,000 pcs. 4.5 V DC TQ2-4.5V ATQ206 TQ2-L-4.5V ATQ216 TQ2-L2-4.5V ATQ226 5 V DC TQ2-5V ATQ209 TQ2-L-5V ATQ219 TQ2-L2-5V ATQ229 6 V DC TQ2-6V ATQ202 TQ2-L-6V ATQ212 TQ2-L2-6V ATQ222 9 V DC TQ2-9V ATQ207 TQ2-L-9V ATQ217 TQ2-L2-9V ATQ227 12 V DC TQ2-12V ATQ203 TQ2-L-12V ATQ213 TQ2-L2-12V ATQ223 24 V DC TQ2-24V ATQ204 TQ2-L-24V ATQ214 TQ2-L2-24V ATQ224 48 V DC TQ2-48V ATQ205 − − − − ー 2 ー |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |