| Electronic Components Datasheet Search |
|
ATQ24722SSX Datasheet(PDF) 11 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ATQ24722SSX Datasheet(HTML) 11 Page - Panasonic Semiconductor |
|
11 / 22 page ![]() Panasonic Industry Co., Ltd. Electromechanical Control Business Division industrial.panasonic.com/ac/e/ ASCTB14E 202405 Panasonic Industry Co., Ltd. 2024 Signal Relays ( 2 A or less ) TQ RELAYS 1. Max. switching capacity Contact voltage, V 0.2 0 20 30 50 100 200 300 0 0.3 0.4 0.5 1 2 3 DC resistive load DC resistive load AC resistive load AC resistive load 2. Switching life curve 100 50 30 20 10 1 02 0 125V AC resistive load 125V AC resistive load 30V DC resistive load 30V DC resistive load Switching capacity, A 3. Coil temperature characteristics Coil applied voltage, %V 120 110 130 100 0 140 150 70 60 50 40 30 20 10 0 2A 2A 0A 0A 2A 2A 0A 0A Tested sample:TQ2SA-12V, 6 pcs. Point measured:Inside the coil Ambient temperature:25°C 48V DC type 48V DC type 12V DC type 12V DC type 4. Ambient temperature characteristics 80 80 Operate voltage Operate voltage Release voltage Release voltage 20 20 -40 -40 -20 -20 00 40 40 60 60 20 20 10 10 40 40 50 50 30 30 -40 -40 -20 -20 -10 -10 -30 -30 -50 -50 Tested sample:TQ2SA-12V, 5 pcs. Ambient temperature, °C Ave. Ave. Ave. Ave. 5. Mechanical life ( mounting by IRS method ) 100 90 80 70 60 50 40 30 20 10 0 10 100 1,000 10,000 IRS1 Release voltage Release voltage Operate voltage Operate voltage Max. Min. Max. Min. No. of operations,×104 Tested sample:TQ2SA-12V, 10 pcs. 6-1. Electrical life test ( 2 A 30 V DC resistive load ) 10 IRS 23456789 1 10 IRS 23456789 1 0 10 30 40 60 80 20 50 70 90 100 0 10 30 40 60 80 20 50 70 90 100 Tested sample:TQ2SA-12V, 6 pcs. Operating speed:20 cpm Release voltage Release voltage Operate voltage Operate voltage Max. Min. Max. Min. Max. Min. No. of operations,×104 No. of operations,×104 Change of operate and release voltage ( mounting by IRS method) Change of contact resistance ( mounting by IRS method) SURFACE-MOUNT TERMINAL REFERENCE DATA ー 10 ー |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |