| Electronic Components Datasheet Search |
|
ATQ24722SSX Datasheet(PDF) 8 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ATQ24722SSX Datasheet(HTML) 8 Page - Panasonic Semiconductor |
|
8 / 22 page ![]() Panasonic Industry Co., Ltd. Electromechanical Control Business Division industrial.panasonic.com/ac/e/ ASCTB14E 202405 Panasonic Industry Co., Ltd. 2024 Signal Relays ( 2 A or less ) TQ RELAYS ■ Specifications Item Specifications Contact data Contact arrangement 2 Form C Contact resistance ( Initial ) Max. 75 mΩ ( by voltage drop 6 V DC 1 A ) Contact material AgNi + Au clad Contact rating ( resistive ) 2 A 30 V DC, 0.5 A 125 V AC Max. switching power ( resistive ) 60 W ( DC ), 62.5 VA ( AC ) Max. switching voltage 220 V DC, 125 V AC Max. switching current 2 A ( DC ), 2 A ( AC ) Min. switching load ( reference value )*1 10 µA 10 mV DC Insulation resistance ( Initial ) Min. 1,000 MΩ ( at 500 V DC, Measured portion is the same as the case of dielectric strength. ) Dielectric strength ( Initial ) Between open contacts 1,000 Vrms 1 min ( detection current: 10 mA ) Between contact and coil 1,500 Vrms 1 min ( detection current: 10 mA ) Between contact sets 1,500 Vrms 1 min ( detection current: 10 mA ) Surge withstand voltage ( Initial ) Between open contacts 1,500 V 10 × 160 µs Between contact and coil 2,500 V 2 × 10 µs Time characteristics ( Initial ) Operate [ Set ] time Max. 4 ms at rated coil voltage ( at 20 ℃ , without bounce ) [ Max. 4 ms ( at 20 ℃, without bounce ) ] Release [ Reset ] time Max. 4 ms at rated coil voltage ( at 20 ℃ , without bounce, without diode ) [ Max. 4 ms ( at 20 ℃, without bounce ) ] Shock resistance Functional 750 m/s2 ( half-sine shock pulse: 6 ms, detection time: 10 µs ) Destructive 1,000 m/s2 ( half-sine shock pulse: 6 ms ) Vibration resistance Functional 10 to 55 Hz ( at double amplitude of: 3 mm, detection time: 10 µs ) Destructive 10 to 55 Hz ( at double amplitude of: 5 mm ) Expected life Mechanical life Min. 100 × 106 ope. ( Switching frequency: at 180 times/min ) Conditions Conditions for usage, transport and storage*2 Ambient temperature: −40 to +85 ℃ ( 70 ℃ over: Max. 1 A ) ( Allowable temperature is from −40 to +70 ℃ at our standard packing condition. ) Humidity: 5 to 85 % RH ( Avoid icing and condensation ) Unit weight Approx. 2 g Note) For AC load, please inquire our sales representative for details. *1: This value is a rough indication of the lower limit at which switching is possible at micro load level. This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the actual load. TX/TX-S/TX-D relay AgPd contact type are available for low level load analog circuit ( 10 V DC, 10 mA max. level ). *2: For ambient temperature, please refer to the " GUIDELINES FOR RELAY USAGE ". ■ Electrical life Conditions: resistive load, switching frequency at 20 times/minute Type Switching capacity Number of operations 2 Form C 1 A 30 V DC Min. 200 × 103 ope. 2 A 30 V DC Min. 100 × 103 ope. 0.5 A 125 V AC Min. 100 × 103 ope. ー 7 ー |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |