Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC16245ADLR Datasheet(PDF) 13 Page - Texas Instruments

Part # SN74LVC16245ADLR
Description  SN74LVC16245A 16-Bit Bus Transceiver With 3-State Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC16245ADLR Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74LVC16245ADLR Datasheet HTML 9Page - Texas Instruments SN74LVC16245ADLR Datasheet HTML 10Page - Texas Instruments SN74LVC16245ADLR Datasheet HTML 11Page - Texas Instruments SN74LVC16245ADLR Datasheet HTML 12Page - Texas Instruments SN74LVC16245ADLR Datasheet HTML 13Page - Texas Instruments SN74LVC16245ADLR Datasheet HTML 14Page - Texas Instruments SN74LVC16245ADLR Datasheet HTML 15Page - Texas Instruments SN74LVC16245ADLR Datasheet HTML 16Page - Texas Instruments SN74LVC16245ADLR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Frequency - MHz
0
10
20
30
40
50
60
0
50
100
150
200
250
300
D003
ICC 1.8 V
ICC 2.5 V
ICC 3.3 V
SN74LVC16245A
www.ti.com
SCES062Q – DECEMBER 1995 – REVISED JUNE 2014
Typical Application (continued)
10.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Care should be taken to avoid bus
contention because it can drive currents that would exceed maximum limits. The high drive will also create fast
edges into light loads; therefore, routing and load conditions should be considered to prevent ringing.
10.2.2 Detailed Design Procedure
1. Recommended Input Conditions
–
Rise time and fall time specs: See (
Δt/ΔV) in the Recommended Operating Conditions table.
–
Specified high and low levels: See (VIH and VIL) in the Recommended Operating Conditions table.
–
Inputs are overvoltage tolerant allowing them to go as high as 5.5 V at any valid VCC.
2. Recommend Output Conditions
–
Load currents should not exceed 25 mA per output and 50 mA total for the part.
–
Outputs should not be pulled above VCC.
10.2.3 Application Curves
Figure 5. ICC vs Frequency
11 Power Supply Recommendations
The power supply can be any voltage between the MIN and MAX supply voltage rating located in the
Recommended Operating Conditions table.
Each VCC pin should have a good bypass capacitor to prevent power disturbance. For devices with a single
supply, 0.1
μF is recommended; if there are multiple VCC pins, then 0.01 μF or 0.022 μF is recommended for
each power pin. It is acceptable to parallel multiple bypass caps to reject different frequencies of noise. A 0.1
μF
and a 1
μF are commonly used in parallel. The bypass capacitor should be installed as close to the power pin as
possible for best results.
Copyright © 1995–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: SN74LVC16245A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com