Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC16245ADLR Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74LVC16245ADLR
Description  SN74LVC16245A 16-Bit Bus Transceiver With 3-State Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC16245ADLR Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC16245ADLR Datasheet HTML 1Page - Texas Instruments SN74LVC16245ADLR Datasheet HTML 2Page - Texas Instruments SN74LVC16245ADLR Datasheet HTML 3Page - Texas Instruments SN74LVC16245ADLR Datasheet HTML 4Page - Texas Instruments SN74LVC16245ADLR Datasheet HTML 5Page - Texas Instruments SN74LVC16245ADLR Datasheet HTML 6Page - Texas Instruments SN74LVC16245ADLR Datasheet HTML 7Page - Texas Instruments SN74LVC16245ADLR Datasheet HTML 8Page - Texas Instruments SN74LVC16245ADLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
SN74LVC16245A
SCES062Q – DECEMBER 1995 – REVISED JUNE 2014
www.ti.com
Table of Contents
1
Features .................................................................. 1
9
Detailed Description ............................................ 11
9.1
Overview ................................................................. 11
2
Applications ........................................................... 1
9.2
Functional Block Diagram ....................................... 11
3
Description ............................................................. 1
9.3
Feature Description................................................. 11
4
Simplified Schematic............................................. 1
9.4
Device Functional Modes........................................ 11
5
Revision History..................................................... 2
10
Application and Implementation........................ 12
6
Pin Configuration and Functions ......................... 3
10.1
Application Information.......................................... 12
7
Specifications......................................................... 6
10.2
Typical Application ............................................... 12
7.1
Absolute Maximum Ratings ..................................... 6
11
Power Supply Recommendations ..................... 13
7.2
Handling Ratings....................................................... 6
12
Layout................................................................... 14
7.3
Recommended Operating Conditions ...................... 7
12.1
Layout Guidelines ................................................. 14
7.4
Thermal Information .................................................. 7
12.2
Layout Example .................................................... 14
7.5
Electrical Characteristics—DC Limit Changes.......... 8
13
Device and Documentation Support ................. 14
7.6
Switching Characteristics, –40°C TO 85°C............... 9
13.1
Trademarks ........................................................... 14
7.7
Switching Characteristics, –40°C TO 125°C............. 9
13.2
Electrostatic Discharge Caution ............................ 14
7.8
Operating Characteristics.......................................... 9
13.3
Glossary ................................................................ 14
7.9
Typical Characteristics .............................................. 9
14
Mechanical, Packaging, and Orderable
8
Parameter Measurement Information ................ 10
Information ........................................................... 14
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision P (January 2014) to Revision Q
Page
•
Updated Ioff Feature. ............................................................................................................................................................... 1
•
Added Applications ................................................................................................................................................................. 1
•
Added Device Information table. ............................................................................................................................................ 1
•
Added Handling Ratings table. ............................................................................................................................................... 6
•
Added Thermal Information table. .......................................................................................................................................... 7
•
Added –40°C TO 125°C temperature range to Electrical Characteristics table. .................................................................... 8
•
Added Switching Characteristics table for –40°C TO 125°C temperature range. .................................................................. 9
•
Added Typical Characteristics. ............................................................................................................................................... 9
Changes from Revision O (January 2008) to Revision P
Page
•
Updated document to new TI data sheet format. ................................................................................................................... 1
•
Deleted Ordering Information table. ....................................................................................................................................... 1
•
Changed MAX operating free-air temperature from 85°C to 125°C....................................................................................... 7
2
Submit Documentation Feedback
Copyright © 1995–2014, Texas Instruments Incorporated
Product Folder Links: SN74LVC16245A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com