Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC16245ADLR Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74LVC16245ADLR
Description  SN74LVC16245A 16-Bit Bus Transceiver With 3-State Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC16245ADLR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVC16245ADLR Datasheet HTML 3Page - Texas Instruments SN74LVC16245ADLR Datasheet HTML 4Page - Texas Instruments SN74LVC16245ADLR Datasheet HTML 5Page - Texas Instruments SN74LVC16245ADLR Datasheet HTML 6Page - Texas Instruments SN74LVC16245ADLR Datasheet HTML 7Page - Texas Instruments SN74LVC16245ADLR Datasheet HTML 8Page - Texas Instruments SN74LVC16245ADLR Datasheet HTML 9Page - Texas Instruments SN74LVC16245ADLR Datasheet HTML 10Page - Texas Instruments SN74LVC16245ADLR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
SN74LVC16245A
www.ti.com
SCES062Q – DECEMBER 1995 – REVISED JUNE 2014
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Operating
1.65
3.6
VCC
Supply voltage
V
Data retention only
1.5
VCC = 1.65 V to 1.95 V
0.65 × VCC
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
1.7
V
VCC = 2.7 V to 3.6 V
2
VCC = 1.65 V to 1.95 V
0.35 × VCC
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
0.7
V
VCC = 2.7 V to 3.6 V
0.8
VI
Input voltage
0
5.5
V
High or low state
0
VCC
VO
Output voltage
V
3-state
0
5.5
VCC = 1.65 V
–4
VCC = 2.3 V
–8
IOH
High-level output current
mA
VCC = 2.7 V
–12
VCC = 3 V
–24
VCC = 1.65 V
4
VCC = 2.3 V
8
IOL
Low-level output current
mA
VCC = 2.7 V
12
VCC = 3 V
24
Δt/Δv
Input transition rise or fall rate
5
ns/V
TA
Operating free-air temperature
–40
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
7.4 Thermal Information
DGG
DGV
DL
THERMAL METRIC(1)
UNIT
48 PINS
48 PINS
48 PINS
RθJA
Junction-to-ambient thermal resistance
67.1
80.2
70.6
RθJC(top)
Junction-to-case (top) thermal resistance
19.9
32.7
36.8
RθJB
Junction-to-board thermal resistance
34.2
43.5
43.1
°C/W
ψJT
Junction-to-top characterization parameter
1.8
4.7
13.9
ψJB
Junction-to-board characterization parameter
33.9
42.9
42.6
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 1995–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN74LVC16245A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com