Electronic Components Datasheet Search
  English  ▼

X  

CC430F6137IRGCT.B Datasheet(PDF) 2 Page - Texas Instruments

Part # CC430F6137IRGCT.B
Description  CC430F613x, CC430F612x, CC430F513x MSP430™ SoC With RF Core
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC430F6137IRGCT.B Datasheet(HTML) 2 Page - Texas Instruments

  CC430F6137IRGCT.B Datasheet HTML 1Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 2Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 3Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 4Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 5Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 6Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 7Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 8Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 133 page
background image
2
CC430F6137, CC430F6135, CC430F6127, CC430F6126, CC430F6125
CC430F5137, CC430F5135, CC430F5133
SLAS554I – MAY 2009 – REVISED SEPTEMBER 2018
www.ti.com
Submit Documentation Feedback
Device Overview
Copyright © 2009–2018, Texas Instruments Incorporated
1.3
Description
The TI CC430 family of ultra-low-power system-on-chip (SoC) microcontrollers with integrated RF
transceiver cores consists of several devices that feature different sets of peripherals targeted for a wide
range of applications. The architecture, combined with five low-power modes, is optimized to achieve
extended battery life in portable measurement applications. The devices feature the powerful MSP430
16
‑bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code efficiency.
The CC430 family provides a tight integration between the microcontroller core, its peripherals, software,
and the RF transceiver, making these true SoC solutions easy to use as well as improving performance.
The CC430F61xx series are microcontroller SoC configurations that combine the excellent performance of
the state-of-the-art CC1101 sub-1 GHz RF transceiver with the MSP430 CPUXV2, up to 32KB of in-
system programmable flash memory, up to 4KB of RAM, two 16-bit timers, a high-performance 12-bit ADC
with eight external inputs plus internal temperature and battery sensors on CC430F613x devices, a
comparator, USCIs, a 128-bit AES security accelerator, a hardware multiplier, a DMA, an RTC module
with alarm capabilities, an LCD driver, and up to 44 I/O pins.
The CC430F513x series are microcontroller SoC configurations that combine the excellent performance of
the state-of-the-art CC1101 sub-1 GHz RF transceiver with the MSP430 CPUXV2, up to 32KB of in-
system programmable flash memory, up to 4KB of RAM, two 16-bit timers, a high-performance 12-bit ADC
with six external inputs plus internal temperature and battery sensors, a comparator, USCIs, a 128-bit
AES security accelerator, a hardware multiplier, a DMA, an RTC module with alarm capabilities, and up to
30 I/O pins.
For complete module descriptions, see the CC430 Family User's Guide.
(1)
For the most current part, package, and ordering information, see the Package Option Addendum in
Section 9, or see the TI website at www.ti.com.
(2)
The sizes shown here are approximations. For the package dimensions with tolerances, see the
Mechanical Data in Section 9.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE(2)
CC430F6137IRGC
VQFN (64)
9 mm × 9 mm
CC430F5137IRGZ
VQFN (48)
7 mm × 7 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com