Electronic Components Datasheet Search
  English  ▼

X  

CC430F6137IRGCT.B Datasheet(PDF) 32 Page - Texas Instruments

Part # CC430F6137IRGCT.B
Description  CC430F613x, CC430F612x, CC430F513x MSP430™ SoC With RF Core
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC430F6137IRGCT.B Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC430F6137IRGCT.B Datasheet HTML 28Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 29Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 30Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 31Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 32Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 33Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 34Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 35Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 133 page
background image
32
CC430F6137, CC430F6135, CC430F6127, CC430F6126, CC430F6125
CC430F5137, CC430F5135, CC430F5133
SLAS554I – MAY 2009 – REVISED SEPTEMBER 2018
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2009–2018, Texas Instruments Incorporated
5.27 USCI (UART Mode) Clock Frequency
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
fUSCI
USCI input clock frequency
Internal: SMCLK or ACLK,
External: UCLK,
Duty cycle = 50% ±10%
fSYSTEM
MHz
fBITCLK BITCLK clock frequency (equals baud rate in MBaud)
1
MHz
(1)
Pulses on the UART receive input (UCxRX) shorter than the UART receive deglitch time are suppressed. To ensure that pulses are
correctly recognized, their duration should exceed the maximum specification of the deglitch time.
5.28 USCI (UART Mode)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
VCC
MIN
MAX
UNIT
tτ
UART receive deglitch time(1)
2.2 V
50
600
ns
3 V
50
600
5.29 USCI (SPI Master Mode) Clock Frequency
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
fUSCI
USCI input clock frequency
Internal: SMCLK or ACLK,
Duty cycle = 50% ±10%
fSYSTEM
MHz
(1)
fUCxCLK = 1/2tLO/HI with tLO/HI ≥ max(tVALID,MO(USCI) + tSU,SI(Slave), tSU,MI(USCI) + tVALID,SO(Slave))
For the slave parameters tSU,SI(Slave) and tVALID,SO(Slave), see the SPI parameters of the attached slave.
(2)
Specifies the time to drive the next valid data to the SIMO output after the output changing UCLK clock edge. See the timing diagrams
in Figure 5-14 and Figure 5-15.
(3)
Specifies how long data on the SIMO output is valid after the output changing UCLK clock edge. Negative values indicate that the data
on the SIMO output can become invalid before the output changing clock edge observed on UCLK. See the timing diagrams in Figure 5-
14 and Figure 5-15.
5.30 USCI (SPI Master Mode)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1) (see Figure 5-14
and Figure 5-15)
PARAMETER
TEST CONDITIONS
PMMCOREVx
VCC
MIN
MAX
UNIT
tSU,MI
SOMI input data setup time
0
1.8 V
55
ns
3 V
38
3
2.4 V
30
3 V
25
tHD,MI
SOMI input data hold time
0
1.8 V
0
ns
3 V
0
3
2.4 V
0
3 V
0
tVALID,MO
SIMO output data valid time(2)
UCLK edge to SIMO valid,
CL = 20 pF
0
1.8 V
20
ns
3 V
18
3
2.4 V
16
3 V
15
tHD,MO
SIMO output data hold time(3)
CL = 20 pF
0
1.8 V
–10
ns
3 V
–8
3
2.4 V
–10
3 V
–8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com