Electronic Components Datasheet Search
  English  ▼

X  

CC430F6137IRGCT.B Datasheet(PDF) 85 Page - Texas Instruments

Part # CC430F6137IRGCT.B
Description  CC430F613x, CC430F612x, CC430F513x MSP430™ SoC With RF Core
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC430F6137IRGCT.B Datasheet(HTML) 85 Page - Texas Instruments

Back Button CC430F6137IRGCT.B Datasheet HTML 81Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 82Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 83Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 84Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 85Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 86Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 87Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 88Page - Texas Instruments CC430F6137IRGCT.B Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 133 page
background image
85
CC430F6137, CC430F6135, CC430F6127, CC430F6126, CC430F6125
CC430F5137, CC430F5135, CC430F5133
www.ti.com
SLAS554I – MAY 2009 – REVISED SEPTEMBER 2018
Submit Documentation Feedback
Detailed Description
Copyright © 2009–2018, Texas Instruments Incorporated
Table 6-41. Comparator_B Registers (Base Address: 08C0h)
REGISTER DESCRIPTION
ACRONYM
OFFSET
Comp_B control 0
CBCTL0
00h
Comp_B control 1
CBCTL1
02h
Comp_B control 2
CBCTL2
04h
Comp_B control 3
CBCTL3
06h
Comp_B interrupt
CBINT
0Ch
Comp_B interrupt vector word
CBIV
0Eh
Table 6-42. AES Accelerator Registers (Base Address: 09C0h)
REGISTER DESCRIPTION
ACRONYM
OFFSET
AES accelerator control 0
AESACTL0
00h
Reserved
02h
AES accelerator status
AESASTAT
04h
AES accelerator key
AESAKEY
06h
AES accelerator data in
AESADIN
008h
AES accelerator data out
AESADOUT
00Ah
Table 6-43. LCD_B Registers (Base Address: 0A00h)
REGISTER DESCRIPTION
ACRONYM
OFFSET
LCD_B control 0
LCDBCTL0
000h
LCD_B control 1
LCDBCTL1
002h
LCD_B blinking control
LCDBBLKCTL
004h
LCD_B memory control
LCDBMEMCTL
006h
LCD_B voltage control
LCDBVCTL
008h
LCD_B port control 0
LCDBPCTL0
00Ah
LCD_B port control 1
LCDBPCTL1
00Ch
LCD_B charge pump control
LCDBCTL0
012h
LCD_B interrupt vector word
LCDBIV
01Eh
LCD_B memory 1
LCDM1
020h
LCD_B memory 2
LCDM2
021h
...
LCD_B memory 14
LCDM14
02Dh
LCD_B blinking memory 1
LCDBM1
040h
LCD_B blinking memory 2
LCDBM2
041h
...
LCD_B blinking memory 14
LCDBM14
04Dh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com