Electronic Components Datasheet Search
  English  ▼

X  

DAC60004 Datasheet(PDF) 16 Page - Texas Instruments

Part # DAC60004
Description  DACx0004, Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC60004 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC60004 Datasheet HTML 12Page - Texas Instruments DAC60004 Datasheet HTML 13Page - Texas Instruments DAC60004 Datasheet HTML 14Page - Texas Instruments DAC60004 Datasheet HTML 15Page - Texas Instruments DAC60004 Datasheet HTML 16Page - Texas Instruments DAC60004 Datasheet HTML 17Page - Texas Instruments DAC60004 Datasheet HTML 18Page - Texas Instruments DAC60004 Datasheet HTML 19Page - Texas Instruments DAC60004 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
LDAC
Trigger (5 V/div)
Large Signal VOUT (2 V/div)
Small Signal VOUT
(160 µV/div = 2 LSB)
Time (2 µsec/div)
Settling
Band
(±1 LSB)
LDAC
Trigger (5 V/div)
Large Signal VOUT (2 V/div)
Small Signal VOUT
(160 µV/div = 2 LSB)
Time (2 µsec/div)
Settling
Band
(±1 LSB)
Time (0.5 sec/div)
m
0
1E-6
2E-6
3E-6
4E-6
5E-6
-0.020
-35
-0.015
-30
-0.010
-25
-0.005
-20
0.000
-15
0.005
-10
0.010
-5
0.015
0
0.020
5
D001
VOUT (5 mV/div)
LDAC Trigger (5 V/div)
LDAC Feedthrough
Glitch Impulse (1nV-sec)
Time (0.5 sec/div)
m
0
1E-6
2E-6
3E-6
4E-6
5E-6
-0.020
-35
-0.015
-30
-0.010
-25
-0.005
-20
0.000
-15
0.005
-10
0.010
-5
0.015
0
0.020
5
D001
VOUT (5 mV/div)
LDAC Trigger (5 V/div)
LDAC Feedthrough
Glitch Impulse (1nV-sec)
Power Supply Voltage (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
2.49920
2.49925
2.49930
2.49935
2.49940
2.49945
2.49950
2.49955
2.49960
D001
Ch-A
Ch-B
Ch-C
Ch-D
Digital Input Pins Logic Level (V)
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
0
1
2
3
4
5
6
7
D001
16
DAC80004, DAC70004, DAC60004
SLASED6D – APRIL 2016 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: DAC80004 DAC70004 DAC60004
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VDD = 5.5 V, REFIN = 5.45 V, DAC output load = 5 kΩ||200 pF, unless otherwise noted.
REFIN = 2.5 V, All channels active with full-scale code, DAC
unloaded
Figure 39. DAC Output Voltage vs Power Supply Voltage
DAC unloaded, All channels to mid-scale
Figure 40. Power Supply Current vs Digital Input Pins Logic
Level
DAC code transition from 8000h to 7FFFh
Figure 41. Glitch Impulse, Falling Edge, 1LSB Step
DAC code transition from 7FFFh to 8000h
Figure 42. Glitch Impulse, Rising Edge, 1LSB Step
From code 512d to 65024d, Typical channel shown
Figure 43. Full-Scale Settling Time, Rising Edge
From code 65024d to 512d, Typical channel shown
Figure 44. Full-Scale Settling Time, Falling Edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com