Electronic Components Datasheet Search
  English  ▼

X  

DAC60004 Datasheet(PDF) 10 Page - Texas Instruments

Part # DAC60004
Description  DACx0004, Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC60004 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC60004 Datasheet HTML 6Page - Texas Instruments DAC60004 Datasheet HTML 7Page - Texas Instruments DAC60004 Datasheet HTML 8Page - Texas Instruments DAC60004 Datasheet HTML 9Page - Texas Instruments DAC60004 Datasheet HTML 10Page - Texas Instruments DAC60004 Datasheet HTML 11Page - Texas Instruments DAC60004 Datasheet HTML 12Page - Texas Instruments DAC60004 Datasheet HTML 13Page - Texas Instruments DAC60004 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Digital Input Code
0
8192 16384 24576 32768 40960 49152 57344 65536
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
D001
Channel A
Channel B
Channel C
Channel D
Digital Input Code
0
8192 16384 24576 32768 40960 49152 57344 65536
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
D001
Channel A
Channel B
Channel C
Channel D
Digital Input Code
0
8192 16384 24576 32768 40960 49152 57344 65536
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
D001
Channel A
Channel B
Channel C
Channel D
Digital Input Code
0
8192 16384 24576 32768 40960 49152 57344 65536
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
D001
Channel A
Channel B
Channel C
Channel D
Digital Input Code
0
8192 16384 24576 32768 40960 49152 57344 65536
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
D001
Channel A
Channel B
Channel C
Channel D
Digital Input Code
0
8192 16384 24576 32768 40960 49152 57344 65536
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
D001
Channel A
Channel B
Channel C
Channel D
10
DAC80004, DAC70004, DAC60004
SLASED6D – APRIL 2016 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: DAC80004 DAC70004 DAC60004
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
7.7 Typical Characteristics
At TA = 25°C, VDD = 5.5 V, REFIN = 5.45 V, DAC outputs unloaded, unless otherwise noted.
Figure 3. Linearity Error vs Digital Input Code
Figure 4. Differential Linearity Error vs Digital Input Code
DAC load 5 kΩ//200 pF
Figure 5. Linearity Error vs Digital Input Code
DAC load 5 kΩ//200 pF
Figure 6. Differential Linearity Error vs Digital Input Code
Figure 7. Total Unadjusted Error vs Digital Input Code
DAC load 5 kΩ//200 pF
Figure 8. Total Unadjusted Error vs Digital Input Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com