Electronic Components Datasheet Search
  English  ▼

X  

DAC60004 Datasheet(PDF) 5 Page - Texas Instruments

Part # DAC60004
Description  DACx0004, Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC60004 Datasheet(HTML) 5 Page - Texas Instruments

  DAC60004 Datasheet HTML 1Page - Texas Instruments DAC60004 Datasheet HTML 2Page - Texas Instruments DAC60004 Datasheet HTML 3Page - Texas Instruments DAC60004 Datasheet HTML 4Page - Texas Instruments DAC60004 Datasheet HTML 5Page - Texas Instruments DAC60004 Datasheet HTML 6Page - Texas Instruments DAC60004 Datasheet HTML 7Page - Texas Instruments DAC60004 Datasheet HTML 8Page - Texas Instruments DAC60004 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
5
DAC80004, DAC70004, DAC60004
www.ti.com
SLASED6D – APRIL 2016 – REVISED DECEMBER 2017
Product Folder Links: DAC80004 DAC70004 DAC60004
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
200 mV headroom is required between REFIN and VDD when 2.7 V
≤ VDD ≤ 4.5 V.
(2)
Output unloaded
(3)
End point fit between codes Code 512 to Code 65,024 - DAC80004, Code 128 to Code 16,256 - DAC70004, Code 32 to Code 4064 -
DAC60004, Output unloaded.
(4)
With 100 mV headroom between DAC output and VDD.
7.5 Electrical Characteristics
All minimum/maximum specifications at TA = -40°C to +125°C, 2.7 V ≤ VDD ≤ 5.5 V, 2.5 V ≤ REFIN
(1) ≤ VDD, R
load = 5 kΩ to
GND, Cload = 200 pF to GND (unless otherwise noted), Digital inputs held at 0 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE(2)
Resolution
DAC80004
16
Bits
DAC70004
14
DAC60004
12
INL
Relative accuracy(3)
±1
LSB
DNL
Differential nonlinearity(3)
Ensured monotonic
±1
LSB
TUE
Total unadjusted error(3)
TA = +20°C to +40°C
1.5
mV
TA = –40°C to +125°C
2
ZCE
Zero code error
TA = –40°C to +125°C, Code 0d into
DAC
±0.2
±2
mV
TA = +25°C, Code 0d into DAC
±0.1
ZCE-TC
Zero code error TC
TA = –40°C to +125°C
±5
µV/°C
OE
Offset error(3)
TA = +20°C to +40°C
±1.2
mV
TA = –40°C to +125°C
±0.2
±1.8
TA = +25°C
±0.2
OE-TC
Offset error drift
TA = –40°C to +125°C
±4
µV/°C
FSE
Full-scale error(4)
TA = +20°C to +40°C, Code 65535d
into DAC
±0.05
%FSR
TA = –40°C to +125°C, Code
65535d into DAC
±0.01
±0.07
%FSR
TA = +25°C
±0.01
FSE-TC
Full-scale error drift(4)
TA = –40°C to +125°C
±2
ppm
FSR/°C
GE
Gain error(3)
TA = –40°C to +125°C
±0.005
±0.05
%FSR
TA = +25°C
±0.005
GE-TC
Gain drift
TA = –40°C to +125°C
±2
ppm
FSR/°C
Output voltage drift vs.Time
TA = +25°C, Vout = ¾ of full scale,
1900 hr
20
ppm FSR
Load Regulation
TA = +25°C, Vout =Mid Scale
0.003%
PSRR
DC Power supply rejection ratio(4)
TA = +25°C, Vout = full scale
–92
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com