Electronic Components Datasheet Search
  English  ▼

X  

DAC80508 Datasheet(PDF) 56 Page - Texas Instruments

Part # DAC80508
Description  DACx0508 Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC80508 Datasheet(HTML) 56 Page - Texas Instruments

Back Button DAC80508 Datasheet HTML 51Page - Texas Instruments DAC80508 Datasheet HTML 52Page - Texas Instruments DAC80508 Datasheet HTML 53Page - Texas Instruments DAC80508 Datasheet HTML 54Page - Texas Instruments DAC80508 Datasheet HTML 55Page - Texas Instruments DAC80508 Datasheet HTML 56Page - Texas Instruments DAC80508 Datasheet HTML 57Page - Texas Instruments DAC80508 Datasheet HTML 58Page - Texas Instruments DAC80508 Datasheet HTML 59Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 56 / 59 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.625 MAX
0.35
0.15
1.5
TYP
0.5 TYP
16X
0.35
0.25
0.5
TYP
1.5 TYP
B
E
A
D
4222182/A 08/2015
DSBGA - 0.625 mm max height
YZF0016
DIE SIZE BALL GRID ARRAY
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. NanoFree
TM
package configuration.
NanoFree Is a trademark of Texas Instruments.
BALL A1
CORNER
SEATING PLANE
BALL TYP
0.05 C
A
1
3
0.015
C A
B
SYMM
SYMM
C
2
B
D
4
SCALE 6.500
D: Max =
E: Max =
2.42 mm, Min =
2.42 mm, Min =
2.36 mm
2.36 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com