Electronic Components Datasheet Search
  English  ▼

X  

DAC80508 Datasheet(PDF) 13 Page - Texas Instruments

Part # DAC80508
Description  DACx0508 Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC80508 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC80508 Datasheet HTML 9Page - Texas Instruments DAC80508 Datasheet HTML 10Page - Texas Instruments DAC80508 Datasheet HTML 11Page - Texas Instruments DAC80508 Datasheet HTML 12Page - Texas Instruments DAC80508 Datasheet HTML 13Page - Texas Instruments DAC80508 Datasheet HTML 14Page - Texas Instruments DAC80508 Datasheet HTML 15Page - Texas Instruments DAC80508 Datasheet HTML 16Page - Texas Instruments DAC80508 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
VREFIN (V)
1.25
2
2.75
3.5
4.25
5
5.5
-0.14
-0.105
-0.07
-0.035
0
0.035
0.07
0.105
0.14
D023
REFDIV = 0
REFDIV = 1
VREFIN (V)
1.25
2
2.75
3.5
4.25
5
5.5
-0.14
-0.105
-0.07
-0.035
0
0.035
0.07
0.105
0.14
D024
REFDIV = 0
REFDIV = 1
VREFIN (V)
1.25
2
2.75
3.5
4.25
5
5.5
-1.5
-1
-0.5
0
0.5
1
1.5
D021
REFDIV = 0
REFDIV = 1
VREFIN (V)
1.25
2
2.75
3.5
4.25
5
5.5
0
0.25
0.5
0.75
1
1.25
1.5
D022
REFDIV = 0
REFDIV = 1
VREFIN (V)
1.25
2
2.75
3.5
4.25
5
5.5
-0.14
-0.105
-0.07
-0.035
0
0.035
0.07
0.105
0.14
D020
REFDIV = 0
REFDIV = 1
VREFIN (V)
1.25
2
2.75
3.5
4.25
5
5.5
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
D019
DNL Max
DNL Min
13
DAC80508, DAC70508, DAC60508
www.ti.com
SLASEL1D – JUNE 2017 – REVISED AUGUST 2018
Product Folder Links: DAC80508 DAC70508 DAC60508
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VDD = 5.5 V, Internal Reference = 2.5 V, Gain = 2, DAC outputs unloaded, unless otherwise noted.
Gain = 1
Figure 19. Differential Linearity Error vs Reference Voltage
Gain = 1
Figure 20. Total Unadjusted Error vs Reference Voltage
Gain = 1
Figure 21. Offset Error vs Reference Voltage
Gain = 1
Figure 22. Zero Code Error vs Reference Voltage
Gain = 1
Figure 23. Gain Error vs Reference Voltage
Gain = 1
Figure 24. Full Scale Error vs Reference Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com