Electronic Components Datasheet Search
  English  ▼

X  

DCP02 Datasheet(PDF) 21 Page - Texas Instruments

Part # DCP02
Description  DCP02 Series, 2-W, 1000-VRMS Isolated, Unregulated DC/DC Converter Modules
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DCP02 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DCP02 Datasheet HTML 17Page - Texas Instruments DCP02 Datasheet HTML 18Page - Texas Instruments DCP02 Datasheet HTML 19Page - Texas Instruments DCP02 Datasheet HTML 20Page - Texas Instruments DCP02 Datasheet HTML 21Page - Texas Instruments DCP02 Datasheet HTML 22Page - Texas Instruments DCP02 Datasheet HTML 23Page - Texas Instruments DCP02 Datasheet HTML 24Page - Texas Instruments DCP02 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
• Output capacitor of 1 μF, ESR of 0.1 Ω
• Capacitor discharge time 1% of 800-kHz (ripple frequency)
tDIS = 0.0125 μs
τ = C × RLOAD
τ = 1 × 10-6 × 12.5 = 12.5 μs
VDIS = VO(1 – EXP(–tDIS / τ))
VDIS = 5 mV
By contrast, the voltage dropped because of ESR:
VESR = ILOAD × ESR
VESR = 40 mV
Ripple voltage = 45 mV
8.2.8 Dual DCP02 Output Voltage
The voltage output for dual DCP02 devices is half wave rectified; therefore, the discharge time is 1.25 μs.
Repeating the above calculations using the 100% load resistance of 25 Ω (0.2 A per output), the results are:
τ = 25 μs
tDIS = 1.25 μs
VDIS = 244 mV
VESR = 20 mV
Ripple Voltage = 266 mV
This time, it is the capacitor discharging that contributes to the largest component of ripple. Changing the output
filter to 10 μF, and repeating the calculations, the result is:
Ripple Voltage = 45 mV
This value is composed of almost equal components.
The previous calculations are offered as a guideline only. Capacitor parameters usually have large tolerances
and can be susceptible to environmental conditions.
8.2.9 Optimizing Performance
Optimum performance can only be achieved if the device is correctly supported. The very nature of a switching
converter requires power to be instantly available when it switches on. If the converter has DMOS switching
transistors, the fast edges will create a high current demand on the input supply. This transient load placed on
the input is supplied by the external input decoupling capacitor, thus maintaining the input voltage. Therefore, the
input supply does not see this transient (this is an analogy to high-speed digital circuits). The positioning of the
capacitor is critical and must be placed as close as possible to the input pins and connected by a low-impedance
path.
The optimum performance primarily depends on two factors:
• Connection of the input and output circuits for minimal loss.
• The ability of the decoupling capacitors to maintain the input and output voltages at a constant level.
Power Supply Recommendations
The DCP02 is a switching power supply, and as such can place high peak current demands on the input supply.
In order to avoid the supply falling momentarily during the fast switching pulses, ground and power planes must
be used to connect the power to the input of DCP02. If this connection is not possible, then the supplies must be
connected in a star formation with the traces made as wide as possible.
www.ti.com
DCP020503, DCP020505, DCP020507, DCP020509, DCP020515D, DCP021205, DCP021212,
DCP021212D, DCP021515, DCP022405, DCP022405D, DCP022415D
SBVS011N – MARCH 2000 – REVISED APRIL 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DCP020503 DCP020505 DCP020507 DCP020509 DCP020515D DCP021205
DCP021212 DCP021212D DCP021515 DCP022405 DCP022405D DCP022415D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com