Electronic Components Datasheet Search
  English  ▼

X  

DCP02 Datasheet(PDF) 7 Page - Texas Instruments

Part # DCP02
Description  DCP02 Series, 2-W, 1000-VRMS Isolated, Unregulated DC/DC Converter Modules
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DCP02 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DCP02 Datasheet HTML 3Page - Texas Instruments DCP02 Datasheet HTML 4Page - Texas Instruments DCP02 Datasheet HTML 5Page - Texas Instruments DCP02 Datasheet HTML 6Page - Texas Instruments DCP02 Datasheet HTML 7Page - Texas Instruments DCP02 Datasheet HTML 8Page - Texas Instruments DCP02 Datasheet HTML 9Page - Texas Instruments DCP02 Datasheet HTML 10Page - Texas Instruments DCP02 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
6.7 Typical Characteristics
TA = 25°C, unless otherwise noted.
Frequency (MHz)
60
50
30
10
0
±20
1
0.15
10
30
40
20
±10
Class A
Class B
Standard Limits
DCP020505P
ILOAD = 400 mA
Figure 6-1. Conducted Emissions versus
Frequency
Temperature (°C)
2.5
2.0
1.5
1.0
0.5
0
±25
±50
25
50
100
75
0
100% Load
Figure 6-2. Output Power versus Temperature
Load Current (mA)
450
400
300
200
100
0
100
0
200
300
400
350
250
150
50
COUT = 1 µF
COUT = 0.1 µF
DCP020505P
(20 MHz Bandwidth)
Figure 6-3. Output AC Ripple versus Load Current
Temperature (°C)
5.04
5.02
5.00
4.98
4.96
4.94
4.92
4.90
±20
±40
20
0
60
40
100
80
DCP020505P
75% Load Current
Figure 6-4. Output Voltage versus Temperature
Load (%)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
D021
A.
DCP020505P
Figure 6-5. Efficiency versus Load
Load (%)
0
10
20
30
40
50
60
70
80
90
100
4.4
4.6
4.8
5
5.2
5.4
5.6
D022
A.
DCP020505P
Note: Operations under 10% Load
Figure 6-6. Load Regulation
www.ti.com
DCP020503, DCP020505, DCP020507, DCP020509, DCP020515D, DCP021205, DCP021212,
DCP021212D, DCP021515, DCP022405, DCP022405D, DCP022415D
SBVS011N – MARCH 2000 – REVISED APRIL 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: DCP020503 DCP020505 DCP020507 DCP020509 DCP020515D DCP021205
DCP021212 DCP021212D DCP021515 DCP022405 DCP022405D DCP022415D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com