Electronic Components Datasheet Search
  English  ▼

X  

DCP02 Datasheet(PDF) 4 Page - Texas Instruments

Part # DCP02
Description  DCP02 Series, 2-W, 1000-VRMS Isolated, Unregulated DC/DC Converter Modules
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DCP02 Datasheet(HTML) 4 Page - Texas Instruments

  DCP02 Datasheet HTML 1Page - Texas Instruments DCP02 Datasheet HTML 2Page - Texas Instruments DCP02 Datasheet HTML 3Page - Texas Instruments DCP02 Datasheet HTML 4Page - Texas Instruments DCP02 Datasheet HTML 5Page - Texas Instruments DCP02 Datasheet HTML 6Page - Texas Instruments DCP02 Datasheet HTML 7Page - Texas Instruments DCP02 Datasheet HTML 8Page - Texas Instruments DCP02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
5 Pin Configuration and Functions
DCP02
1
2
5
6
7
14
8
+V
S
–V
S
–V
OUT
+V
OUT
NC
SYNC
NC
Figure 5-1. NVA Package 7-Pin PDIP (Single
Output) (Top View)
DCP02
1
2
3
12
13
14
28
27
26
17
16
15
+V
S
–V
S
–V
S
–V
OUT
+V
OUT
NC
SYNC
NC
NC
NC
NC
NC
Figure 5-2. DVB PACKAGE 12-Pin SOP (Single
Output) (Top View)
DCP02
1
2
5
6
7
14
8
+V
S
–V
S
COM
+V
OUT
-
V
OUT
SYNC
NC
Figure 5-3. NVA Package 7-Pin PDIP (Dual Output)
(Top View)
DCP02
1
2
3
12
13
14
28
27
26
17
16
15
+V
S
–V
S
–V
S
COM
+V
OUT
-
V
OUT
SYNC
NC
NC
NC
NC
NC
Figure 5-4. DVB Package 12-Pin SOP (Dual Output)
(Top View)
Pin Functions
PIN
NAME
NUMBER
I/O(1)
DESCRIPTION
DVB
(DUAL)
DVB
(SINGLE)
NVA
(DUAL)
NVA
(SINGLE)
COM
12
—
5
—
O
Output side common
NC
15
14
8
7
—
No connection
15
16
16
17
17
8
26
26
27
27
SYNC
28
28
14
14
I
Synchronization Pin - Synchronize multiple devices by connecting
their SYNC pins together. Pulling this pin low disables the internal
oscillator.
+VOUT
13
13
6
6
O
Positive output voltage
–VOUT
14
12
7
5
O
Negative output voltage
+VS
1
1
1
1
I
Input voltage
–VS
2
2
2
2
I
Input side common
3
3
(1)
I = Input, O = Output
DCP020503, DCP020505, DCP020507, DCP020509, DCP020515D, DCP021205, DCP021212, DCP021212D,
DCP021515, DCP022405, DCP022405D, DCP022415D
SBVS011N – MARCH 2000 – REVISED APRIL 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DCP020503 DCP020505 DCP020507 DCP020509 DCP020515D DCP021205
DCP021212 DCP021212D DCP021515 DCP022405 DCP022405D DCP022415D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com