Electronic Components Datasheet Search
  English  ▼

X  

FDS6930A. Datasheet(PDF) 4 Page - ON Semiconductor

Part # FDS6930A.
Description  Dual N-Channel, Logic Level, PowerTrenchTM MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDS6930A. Datasheet(HTML) 4 Page - ON Semiconductor

  FDS6930A. Datasheet HTML 1Page - ON Semiconductor FDS6930A. Datasheet HTML 2Page - ON Semiconductor FDS6930A. Datasheet HTML 3Page - ON Semiconductor FDS6930A. Datasheet HTML 4Page - ON Semiconductor FDS6930A. Datasheet HTML 5Page - ON Semiconductor FDS6930A. Datasheet HTML 6Page - ON Semiconductor FDS6930A. Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FDS6930A Rev.D
0
1
2
3
4
5
0
6
12
18
24
30
V
, DRAIN-SOURCE VOLTAGE (V)
DS
3.5V
3.0V
V
=10V
GS
4.0V
5.0V
4.5V
6.0V
Typical Electrical Characteristics
Figure 1. On-Region Characteristics
.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage
.
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1
1.2
1.4
1.6
T , JUNCTION TEMPERATURE (°C)
J
V
= 10V
GS
I = 5.5A
D
Figure 3. On-Resistance Variation with
Temperature
.
1
2
3
4
5
0
3
6
9
12
15
V
, GATE TO SOURCE VOLTAGE (V)
V
=5.0V
DS
GS
T = -55°C
J
125°C
25°C
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage
Variation with Source Current
and Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
6
12
18
24
30
0
1
2
3
4
I
, DRAIN CURRENT (A)
D
V
= 3.0V
GS
10V
4.0 V
3.5 V
5.5 V
4.5 V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.001
0.01
0.1
1
20
V
, BODY DIODE FORWARD VOLTAGE (V)
25°C
-55°C
V
= 0V
GS
SD
T = 125°C
J
2
4
6
8
10
0
0.05
0.1
0.15
0.2
V
, GATE TO SOURCE VOLTAGE (V)
GS
125°C
25°C
I = 2.5A
D



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com