Electronic Components Datasheet Search
  English  ▼

X  

FDS6930A. Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDS6930A.
Description  Dual N-Channel, Logic Level, PowerTrenchTM MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDS6930A. Datasheet(HTML) 2 Page - ON Semiconductor

  FDS6930A. Datasheet HTML 1Page - ON Semiconductor FDS6930A. Datasheet HTML 2Page - ON Semiconductor FDS6930A. Datasheet HTML 3Page - ON Semiconductor FDS6930A. Datasheet HTML 4Page - ON Semiconductor FDS6930A. Datasheet HTML 5Page - ON Semiconductor FDS6930A. Datasheet HTML 6Page - ON Semiconductor FDS6930A. Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
October 1998
FDS6930A
Dual N-Channel, Logic Level, PowerTrench
TM MOSFET
General Description
Features
Absolute Maximum Ratings
T
A = 25
oC unless otherwise noted
Symbol
Parameter
FDS6930A
Units
V
DSS
Drain-Source Voltage
30
V
V
GSS
Gate-Source Voltage
±20
V
I
D
Drain Current - Continuous
(Note 1a)
5.5
A
- Pulsed
20
P
D
Power Dissipation for Dual Operation
(Note 1)
2
W
Power Dissipation for Single Operation
(Note 1a)
1.6
W
(Note 1b)
1
(Note 1c)
0.9
T
J,TSTG
Operating and Storage Temperature Range
-55 to 150
°C
THERMAL CHARACTERISTICS
RθJA
Thermal Resistance, Junction-to-Ambient (Note 1a)
78
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
40
°C/W
FDS6930A Rev.D
5.5 A, 30 V. R
DS(ON) = 0.040 Ω
@ V
GS = 10 V
R
DS(ON) = 0.055 Ω
@ V
GS = 4.5 V.
Fast switching speed.
Low gate charge (typical 5 nC).
High performance trench technology for extremely low
R
DS(ON).
High power and current handling capability.
SOT-23
SuperSOT
TM-8
SOIC-16
SO-8
SOT-223
SuperSOT
TM-6
These N-Channel
Logic
Level MOSFETs are
produced
using
Fairchild
Semiconductor's
advanced PowerTrench process that has been
especially tailored to minimize the on-state
resistance and yet maintain superior switching
performance.
These devices are well suited for low voltage and
battery powered applications
where low in-line
power loss and fast switching are required.
S1
D1
S2
G1
SO-8
D2
D2
D1
G2
FDS
6930A
pin 1
1
5
7
8
2
3
4
6
© 1998 Fairchild Semiconductor Corporation



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com