Electronic Components Datasheet Search
  English  ▼

X  

DRV8704DCPR Datasheet(PDF) 21 Page - Texas Instruments

Part # DRV8704DCPR
Description  DRV8704 52-V Dual H-Bridge PWM Gate Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8704DCPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button DRV8704DCPR Datasheet HTML 17Page - Texas Instruments DRV8704DCPR Datasheet HTML 18Page - Texas Instruments DRV8704DCPR Datasheet HTML 19Page - Texas Instruments DRV8704DCPR Datasheet HTML 20Page - Texas Instruments DRV8704DCPR Datasheet HTML 21Page - Texas Instruments DRV8704DCPR Datasheet HTML 22Page - Texas Instruments DRV8704DCPR Datasheet HTML 23Page - Texas Instruments DRV8704DCPR Datasheet HTML 24Page - Texas Instruments DRV8704DCPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
21
DRV8704
www.ti.com
SLVSD29 – OCTOBER 2015
Product Folder Links: DRV8704
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
7.5.1.4 BLANK Register (Address = 0x03h)
Table 7. BLANK Register
BIT
NAME
SIZE
R/W
DEFAULT
DESCRIPTION
7-0
TBLANK
8
R/W
0x80h
Sets current trip blanking time, in increments of 21
ns
0x00h: 1.05 µs
…
0x32h: 1.05 µs
0x33h: 1.07 µs
…
0xFEh: 5.859 µs
0xFFh: 5.880 µs
Also sets minimum on-time of PWM
11-8
Reserved
4
—
—
Reserved
7.5.1.5 DECAY Register (Address = 0x04h)
Table 8. DECAY Register
BIT
NAME
SIZE
R/W
DEFAULT
DESCRIPTION
7-0
TDECAY
8
R/W
0x10h
Sets mixed decay transition time, in increments of
525ns
10-8
DECMOD
3
R/W
000
000: Force slow decay at all times
001: Reserved
010: Force fast decay at all times
011: Use mixed decay at all times
100: Reserved
101: Use auto mixed decay at all times
110 – 111: Reserved
11
Reserved
1
—
—
Reserved
7.5.1.6 Reserved Register Address = 0x05h
Table 9. Reserved Register
BIT
NAME
SIZE
R/W
DEFAULT
DESCRIPTION
11-0
Reserved
12
—
—
Reserved
7.5.1.7 DRIVE Register Address = 0x06h
Table 10. DRIVE Register
BIT
NAME
SIZE
R/W
DEFAULT
DESCRIPTION
1-0
OCPTH
2
R/W
01
OCP threshold
00: 250 mV
01: 500 mV
10: 750 mV
11: 1000 mV
3-2
OCPDEG
2
R/W
01
OCP deglitch time
00: 1.05 µs
01: 2.1 µs
10: 4.2 µs
11: 8.4 µs
5-4
TDRIVEN
2
R/W
10
Gate drive sink time
00: 263 ns
01: 525 ns
10: 1.05 µs
11: 2.10 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com