Electronic Components Datasheet Search
  English  ▼

X  

DRV8704DCPR Datasheet(PDF) 13 Page - Texas Instruments

Part # DRV8704DCPR
Description  DRV8704 52-V Dual H-Bridge PWM Gate Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8704DCPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV8704DCPR Datasheet HTML 9Page - Texas Instruments DRV8704DCPR Datasheet HTML 10Page - Texas Instruments DRV8704DCPR Datasheet HTML 11Page - Texas Instruments DRV8704DCPR Datasheet HTML 12Page - Texas Instruments DRV8704DCPR Datasheet HTML 13Page - Texas Instruments DRV8704DCPR Datasheet HTML 14Page - Texas Instruments DRV8704DCPR Datasheet HTML 15Page - Texas Instruments DRV8704DCPR Datasheet HTML 16Page - Texas Instruments DRV8704DCPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
CHOP
ISENSE
2.75 V
TORQUE
I
256
ISGAIN
R
u
u
u
13
DRV8704
www.ti.com
SLVSD29 – OCTOBER 2015
Product Folder Links: DRV8704
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
7.3.3 Current Regulation
The current through the motor windings is regulated by an adjustable fixed-off-time PWM current regulation
circuit. When an H-bridge is enabled, current rises through the winding at a rate dependent on the DC voltage
and inductance of the winding and the magnitude of the back EMF present. Once the current hits the current
chopping threshold, the bridge disables the current for a fixed period of time, which is programmable between
525 ns and 128 µs by writing to the TOFF bits in the OFF register. After the off time expires, the bridge is re-
enabled, starting another PWM cycle.
Note that the decay mode is set by DECMOD bits in the DECAY register. Slow, fast, mixed, or auto mixed decay
modes are available.
The chopping current is set by a comparator which compares the voltage across a current sense resistor
connected to the xISENx pins, multiplied by the gain of the current sense amplifier, with a reference voltage. The
current sense amplifier is programmable in the CTRL register.
When driving in PWM mode, the chopping current is calculated as follows:
where
•
TORQUE is the setting of the TORQUE bits
•
ISGAIN is the programmed gain of the ISENSE amplifiers (5, 10, 20, or 40).
(1)
7.3.4 Decay Modes
During PWM current chopping, the H-bridge is enabled to drive current through the motor winding until the PWM
current chopping threshold is reached. This is shown in the diagram below as case 1. The current flow direction
shown indicates positive current flow in the step table below.
Once the chopping current threshold is reached, the H-bridge can operate in two different states, fast decay or
slow decay.
In fast decay mode, once the PWM chopping current level has been reached, the H-bridge reverses state to
allow winding current to flow in a reverse direction. If the winding current approaches zero, the bridge is disabled
to prevent any reverse current flow. Fast decay mode is shown in the diagram below as case 2.
In slow decay mode, winding current is recirculated by enabling both of the low-side FETs in the bridge. This is
shown as case 3 in Figure 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com