Electronic Components Datasheet Search
  English  ▼

X  

DRV8704DCPR Datasheet(PDF) 8 Page - Texas Instruments

Part # DRV8704DCPR
Description  DRV8704 52-V Dual H-Bridge PWM Gate Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8704DCPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8704DCPR Datasheet HTML 4Page - Texas Instruments DRV8704DCPR Datasheet HTML 5Page - Texas Instruments DRV8704DCPR Datasheet HTML 6Page - Texas Instruments DRV8704DCPR Datasheet HTML 7Page - Texas Instruments DRV8704DCPR Datasheet HTML 8Page - Texas Instruments DRV8704DCPR Datasheet HTML 9Page - Texas Instruments DRV8704DCPR Datasheet HTML 10Page - Texas Instruments DRV8704DCPR Datasheet HTML 11Page - Texas Instruments DRV8704DCPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
X
X
SCLK
SDATI
1
3
4
2
SCS
5
6
7
8
SDATO
SDATO
valid
9
8
DRV8704
SLVSD29 – OCTOBER 2015
www.ti.com
Product Folder Links: DRV8704
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
6.6 SPI Timing Requirements
over operating free-air temperature range (unless otherwise noted)
NO.
MIN
MAX
UNIT
1
tCYC
Clock cycle time
250
ns
2
tCLKH
Clock high time
25
ns
3
tCLCL
Clock low time
25
ns
4
tSU(SDATI)
Setup time, SDATI to SCLK
5
ns
5
tH(SDATI)
Hold time, SDATI to SCLK
1
ns
6
tSU(SCS)
Setup time, SCS to SCLK
5
ns
7
tH(SCS)
Hold time, SCS to SCLK
1
ns
8
tL(SCS)
Inactive time, SCS (between writes)
100
ns
9
tD(SDATO)
Delay time, SCLK to SDATO (during read)
10
ns
tSLEEP
Wake time (SLEEPn inactive to high-side gate drive enabled)
1
ms
tRESET
Delay from power-up or RESETn high until serial interface functional
10
μs
Figure 1. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com