Electronic Components Datasheet Search
  English  ▼

X  

DRV8835 Datasheet(PDF) 2 Page - Texas Instruments

Part # DRV8835
Description  DRV8835 Dual Low-Voltage H-Bridge IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8835 Datasheet(HTML) 2 Page - Texas Instruments

  DRV8835 Datasheet HTML 1Page - Texas Instruments DRV8835 Datasheet HTML 2Page - Texas Instruments DRV8835 Datasheet HTML 3Page - Texas Instruments DRV8835 Datasheet HTML 4Page - Texas Instruments DRV8835 Datasheet HTML 5Page - Texas Instruments DRV8835 Datasheet HTML 6Page - Texas Instruments DRV8835 Datasheet HTML 7Page - Texas Instruments DRV8835 Datasheet HTML 8Page - Texas Instruments DRV8835 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
DRV8835
SLVSB18H – MARCH 2012 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: DRV8835
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 4
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ...................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics........................................... 6
6.6
Timing Requirements ................................................ 7
6.7
Typical Characteristics .............................................. 8
7
Detailed Description .............................................. 9
7.1
Overview ................................................................... 9
7.2
Functional Block Diagram ......................................... 9
7.3
Feature Description................................................. 10
7.4
Device Functional Modes........................................ 10
8
Application and Implementation ........................ 12
8.1
Application Information............................................ 12
8.2
Typical Application ................................................. 12
9
Power Supply Recommendations ...................... 14
9.1
Bulk Capacitance .................................................... 14
9.2
Power Supplies and Input Pins ............................... 14
10
Layout................................................................... 15
10.1
Layout Guidelines ................................................. 15
10.2
Layout Example .................................................... 15
10.3
Thermal Considerations ........................................ 15
11
Device and Documentation Support ................. 17
11.1
Documentation Support ........................................ 17
11.2
Receiving Notification of Documentation Updates 17
11.3
Community Resources.......................................... 17
11.4
Trademarks ........................................................... 17
11.5
Electrostatic Discharge Caution ............................ 17
11.6
Glossary ................................................................ 17
12
Mechanical, Packaging, and Orderable
Information ........................................................... 17
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (May 2016) to Revision H
Page
•
Changed the value of the capacitor on the VM pin from 10 µF to 0.1 µF in the Parallel Mode Connections figure............ 12
•
Added one capacitor to the VM pin and updated the value of the existing capacitor on the VM pin in the Layout
Example................................................................................................................................................................................ 15
•
Deleted references to TI's PowerPAD package and updated it with thermal pad where applicable ................................... 16
•
Added the Receiving Notification of Documentation Updates section ................................................................................ 17
Changes from Revision F (April 2016) to Revision G
Page
•
Changed the Layout Guidelines to clarify the guidelines for the VM pin ............................................................................. 15
Changes from Revision E (December 2015) to Revision F
Page
•
Deleted nFAULT from the Simplified Schematic in the Description section ......................................................................... 1
Changes from Revision D (January 2014) to Revision E
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section .................................................................................................. 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com