Electronic Components Datasheet Search
  English  ▼

X  

DRV8835 Datasheet(PDF) 13 Page - Texas Instruments

Part # DRV8835
Description  DRV8835 Dual Low-Voltage H-Bridge IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8835 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV8835 Datasheet HTML 9Page - Texas Instruments DRV8835 Datasheet HTML 10Page - Texas Instruments DRV8835 Datasheet HTML 11Page - Texas Instruments DRV8835 Datasheet HTML 12Page - Texas Instruments DRV8835 Datasheet HTML 13Page - Texas Instruments DRV8835 Datasheet HTML 14Page - Texas Instruments DRV8835 Datasheet HTML 15Page - Texas Instruments DRV8835 Datasheet HTML 16Page - Texas Instruments DRV8835 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
DRV8835
www.ti.com
SLVSB18H – MARCH 2012 – REVISED AUGUST 2016
Product Folder Links: DRV8835
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
8.2.2 Detailed Design Procedure
8.2.2.1 Motor Voltage
The appropriate motor voltage depends on the ratings of the motor selected and the desired RPM. A higher
voltage spins a brushed DC motor faster with the same PWM duty cycle applied to the power FETs. A higher
voltage also increases the rate of current change through the inductive motor windings.
8.2.2.2 Lower-Power Operation
When entering sleep mode, TI recommends setting all inputs as a logic low to minimize system power.
8.2.3 Application Curve
The following scope captures motor startup as VCC ramps from 0 V to 6 V. Channel 1 is VCC, Channel 2 is VM,
and Channel 4 is the motor current of an unloaded motor during startup. The motor used is a NMB Technologies
Corporation, PPN7PA12C1. As VCC and VM ramp, the current in the motor increases until the motor speed
builds up. The motor current then reduces for normal operation.
Inputs are set as follows:
•
Mode: IN/IN
•
AIN1: High
•
AIN2: Low
Channel 1: VM
IN1 = Logic High
Channel 2: VCC
IN2 = Logic Low
Motor used: NMB Technologies
Corporation, PPN7PA12C1
Channel 4: Motor current
Figure 7. Motor Startup With No Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com