Electronic Components Datasheet Search
  English  ▼

X  

DRV8835 Datasheet(PDF) 12 Page - Texas Instruments

Part # DRV8835
Description  DRV8835 Dual Low-Voltage H-Bridge IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8835 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DRV8835 Datasheet HTML 8Page - Texas Instruments DRV8835 Datasheet HTML 9Page - Texas Instruments DRV8835 Datasheet HTML 10Page - Texas Instruments DRV8835 Datasheet HTML 11Page - Texas Instruments DRV8835 Datasheet HTML 12Page - Texas Instruments DRV8835 Datasheet HTML 13Page - Texas Instruments DRV8835 Datasheet HTML 14Page - Texas Instruments DRV8835 Datasheet HTML 15Page - Texas Instruments DRV8835 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
0.1 µF
0.1 µF
M
VM
VCC
2
3
4
5
10
9
8
7
11
AIN1/APHASE
AIN2/AENBL
BIN1/BPHASE
BIN2/BENBL
MODE
AOUT1
AOUT2
BOUT1
BOUT2
IN1/PHASE
IN2/ENBL
LOW = IN/IN; HIGH = PHASE/ENBL
From Controller
Copyright © 2016, Texas Instruments Incorporated
12
DRV8835
SLVSB18H – MARCH 2012 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: DRV8835
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The DRV8835 is used in one or two motor control applications. Configure the DRV8835 in parallel to provide
double the current to one motor. The following design procedure can be used to configure the DRV8835 in a
brushed motor application.
8.2 Typical Application
The two H-bridges in the DRV8835 connect in parallel for double the current of a single H-bridge. Figure 6 shows
the connections.
Figure 6. Parallel Mode Connections
8.2.1 Design Requirements
Table 5 lists the design requirements.
Table 5. Design Requirements
DESIGN PARAMETER
REFERENCE
VALUE
Motor voltage
VCC
4 V
Motor RMS current
IRMS
0.3 A
Motor startup current
ISTART
0.6 A
Motor current trip point
ILIMIT
0.5 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com