Electronic Components Datasheet Search
  English  ▼

X  

FX003 Datasheet(PDF) 4 Page - Texas Instruments

Part # FX003
Description  High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

FX003 Datasheet(HTML) 4 Page - Texas Instruments

  FX003 Datasheet HTML 1Page - Texas Instruments FX003 Datasheet HTML 2Page - Texas Instruments FX003 Datasheet HTML 3Page - Texas Instruments FX003 Datasheet HTML 4Page - Texas Instruments FX003 Datasheet HTML 5Page - Texas Instruments FX003 Datasheet HTML 6Page - Texas Instruments FX003 Datasheet HTML 7Page - Texas Instruments FX003 Datasheet HTML 8Page - Texas Instruments FX003 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
TPS51219
SLUSAG1B
– MARCH 2011 – REVISED OCTOBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range, VV5 = 5 V, VMODE= 0 V, VEN= 5 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IV5
V5 supply current
TA = 25°C, No load, VEN = 5 V
560
μA
IV5SDN
V5 shutdown current
TA = 25°C, No load, VEN = 0 V
0.5
2.0
μA
VREF OUTPUT
VVREF
Output voltage
IVREF = 0 μA wrt GSNS
2.000
V
0
μA ≤ IVREF < 30 μA, TA = 0°C to 85°C
-0.8%
0.8%
VVREF(tol)
Output voltage tolerance
0
μA ≤ IVREF < 300 μA, TA = –40°C to 85°C
-1.2%
1.2%
IVREF(ocl)
Current limit
VVREF-GSNS = 1.7 V
0.4
1.0
mA
OUTPUT VOLTAGE
VREFIN = 0 V
1.000
V
VVSNS
VSNS sense voltage
VREFIN = 3.3 V
1.050
V
0.5 V
≤ VREFIN ≤ 2 V
VREFIN
V
VREFIN = 0 V, 0°C ≤ TA ≤ 85°C
–9
9
VREFIN = 0 V, -40°C ≤ TA ≤ 85°C
-14
14
VVSNS(tol)
VSNS regulation voltage tolerance
VREFIN = 3.3 V, 0°C ≤ TA ≤ 85°C
–9
9
mV
VREFIN = 3.3 V, -40°C ≤ TA ≤ 85°C
-14
14
VREFIN = 0.5 V and VREFIN = 2.0 V
-5
5
VREFIN1
REFIN voltage for 1.00-V output
0.3
V
VREFIN1P05
REFIN voltage for 1.05-V output
2.2
V
VOFF_LPCMP
Loop comparator offset voltage
VREFIN = 1 V, VSNS shorted to COMP
-5
5
mV
VREFIN = 0 V, VVSNS = 0.95 V
0.885
V
VCOMPCLP
COMP clamp voltage
VREFIN = 0 V, VVSNS = 1.05 V
1.115
V
gM
Error amplifier transconductance
VREFIN = 0 V
130
μS
IVSNS
VSNS input current
VVSNS = 1.05 V
-1
1
μA
IREFIN
REFIN input current
VREFIN = 0 V
–1
1
μA
IVSNS(dis)
VSNS discharge current
VEN = 0 V, VVSNS = 0.5 V
5
12
mA
SWITCH MODE POWER SUPPLY (SMPS) FREQUENCY
VIN = 12 V, VVSNS = 1.8 V, VMODE = 2.5 V
400
VIN = 12 V, VVSNS = 1.8 V, VMODE = 1.67 V
300
fSW
Switching frequency
kHz
VIN = 12 V, VVSNS = 1.8 V, VMODE = 0.2 V
670
VIN = 12 V, VVSNS = 1.8 V, VMODE = 0.033 V
500
tON(min)
Minimum on time
DH rising to falling(1)
60
ns
tOFF(min)
Minimum off time
DH falling to rising
320
MOSFET DRIVERS
Source, IDH = –50 mA
1.6
3.0
RDH
DH resistance
Sink, IDH = 50 mA
0.6
1.5
Ω
Source, IDL = –50 mA
0.9
2.0
RDL
DL resistance
Sink, IDL = 50 mA
0.5
1.2
DH-off to DL-on
10
tDEAD
Dead time
ns
DL-off to DH-on
20
INTERNAL BOOT STRAP SWITCH
VFBST
Forward voltage
VV5-BST, TA = 25°C, IF = 10 mA
0.1
0.2
V
IBSTLK
BST leakage current
TA = 25°C, VBST = 33 V, VSW = 28 V
0.01
1.5
μA
(1)
Ensured by design. Not production tested.
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com