Electronic Components Datasheet Search
  English  ▼

X  

FX003 Datasheet(PDF) 9 Page - Texas Instruments

Part # FX003
Description  High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

FX003 Datasheet(HTML) 9 Page - Texas Instruments

Back Button FX003 Datasheet HTML 5Page - Texas Instruments FX003 Datasheet HTML 6Page - Texas Instruments FX003 Datasheet HTML 7Page - Texas Instruments FX003 Datasheet HTML 8Page - Texas Instruments FX003 Datasheet HTML 9Page - Texas Instruments FX003 Datasheet HTML 10Page - Texas Instruments FX003 Datasheet HTML 11Page - Texas Instruments FX003 Datasheet HTML 12Page - Texas Instruments FX003 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
0
200
400
600
800
1000
−50
−25
0
25
50
75
100
125
Junction Temperature (°C)
VV5 = 5 V
VEN = 5 V
No Load
0
2
4
6
8
10
−50
−25
0
25
50
75
100
125
Junction Temperature (°C)
VV5 = 5 V
VEN = 0 V
No Load
0
2
4
6
8
10
12
14
16
−50
−25
0
25
50
75
100
125
Junction Temperature (°C)
VV5 = 5 V
VTRIP = 0.5 V
50
60
70
80
90
100
110
120
130
140
150
−50
−25
0
25
50
75
100
125
Junction Temperature (°C)
UVP
OVP
VV5 = 5 V
VREFIN = 0 V
1.980
1.985
1.990
1.995
2.000
2.005
2.010
2.015
2.020
0
50
100
150
200
250
300
350
400
VREF Current (µA)
VV5 = 5 V
TA = 27°C
200
300
400
500
600
700
800
900
6
8
10
12
14
16
18
20
22
Input Voltage (V)
RMODE = 1 kΩ
RMODE = 12 kΩ
RMODE = 100 kΩ
RMODE = 200 kΩ
IOUT = 10 A
TPS51219
www.ti.com
SLUSAG1B
– MARCH 2011 – REVISED OCTOBER 2011
TYPICAL CHARACTERISTICS
Figure 1. V5 Supply Current vs Junction Temperature
Figure 2. V5 Shutdown Current vs Junction Temperature
Figure 3. Current Sense Current vs Junction Temperature
Figure 4. OVP/UVP Threshold vs Junction Temperature
Figure 5. VREF Load Regulation
Figure 6. Switching Frequency vs Input Voltage
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com