Electronic Components Datasheet Search
  English  ▼

X  

FX003 Datasheet(PDF) 13 Page - Texas Instruments

Part # FX003
Description  High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

FX003 Datasheet(HTML) 13 Page - Texas Instruments

Back Button FX003 Datasheet HTML 9Page - Texas Instruments FX003 Datasheet HTML 10Page - Texas Instruments FX003 Datasheet HTML 11Page - Texas Instruments FX003 Datasheet HTML 12Page - Texas Instruments FX003 Datasheet HTML 13Page - Texas Instruments FX003 Datasheet HTML 14Page - Texas Instruments FX003 Datasheet HTML 15Page - Texas Instruments FX003 Datasheet HTML 16Page - Texas Instruments FX003 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Time (100 ms/div)
EN (5 V/div)
VSNS-GSNS
(500mV/div)
PGOOD (5V/div)
I
OUT = 0 A
100
1000
10000
100000
1000000
−80
−60
−40
−20
0
20
40
60
80
−180
−135
−90
−45
0
45
90
135
180
Frequency (Hz)
Gain
Phase
VIN =12 V
IOUT =15 A
RMODE =1 kΩ
TPS51219
www.ti.com
SLUSAG1B
– MARCH 2011 – REVISED OCTOBER 2011
TYPICAL CHARACTERISTICS
Figure 22 refers to application schematic of Figure 33.
Figure 21. 1.05-V Soft-stop Waveforms
Figure 22. Bode Plot, VOUT=1.05 V
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com