Electronic Components Datasheet Search
  English  ▼

X  

L5958SM Datasheet(PDF) 7 Page - STMicroelectronics

Part # L5958SM
Description  Multifunction voltage regulator for car radio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5958SM Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L5958SM Datasheet HTML 3Page - STMicroelectronics L5958SM Datasheet HTML 4Page - STMicroelectronics L5958SM Datasheet HTML 5Page - STMicroelectronics L5958SM Datasheet HTML 6Page - STMicroelectronics L5958SM Datasheet HTML 7Page - STMicroelectronics L5958SM Datasheet HTML 8Page - STMicroelectronics L5958SM Datasheet HTML 9Page - STMicroelectronics L5958SM Datasheet HTML 10Page - STMicroelectronics L5958SM Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
L5958
Pin description
Doc ID 17716 Rev 2
7/20
Table 2.
Pin description
Pin N#
Pin name
Function
Type
1TAB
2
REG6(1P8P)
Output of Reg6 (1.8 V/100 mA)
O
3
RES
Reset signal for MCU application
O
4BU1
Connect to a reserve capacitor. When battery is
removed suddenly, the energy stored in this
capacitor can still supply reg5 and reg6 for some
time.
I/O
5
CRES
Connect a capacitor to delay reset signal
O
6
REG5(3P3P)
Output of Reg5 (3.3 V/100 mA)
O
7
GND
Power supply ground
S
8
SW
Output of power switch
O
9
EN_SW
Enable signal for SW
I
10
AUDIO_LOW_IN
Hold Audio Low threshold adjustment
I
11
VDDCORE
Warn signal to 3.3 Vsw or 1. 8Vsw
O
12
VIN1
Power supply for Reg1,Reg2,Reg5,Reg6 and SW
S
13
CAN_LOW_IN
Hold CAN Low threshold adjustment
I
14
AUDIO_HIGH_OUT
Hold Audio High signal for MCU application
O
15
AUDIO_LOW_OUT
Hold Audio Low signal for MCU application
O
16
REG2(5V)
Output of Reg2
O
17
CAN_PRETEMP
Hold can low signal or hold can high signal with
load dump detection or pretemp warning
O
18
REG1(8P5)
Output of Reg1
O
19
EN_8P5_5
Enable signal for 5 V and 8.5 V
I
20
REG4(1P8sw)
Output of Reg4 (1.8 V/350 mA)
O
21
IGNOUT
Ignition signal output
O
22
VIN2
Power supply for Reg3 and Reg4
S
23
IGNIN
Ignition signal input
I
24
REG3((3P3sw)
Output of Reg3 (3.3 V / 250 mA)
O
25
EN_3P3_1P8
Enable signal for 3.3 Vperm and 1.8 Vperm.
A resistor of 1 k
 in series to this control pin is
suggested.
I
26
BU2
Connect to a reserve capacitor. When battery is
removed suddenly, the energy stored in this
capacitor can still supply reg3 and reg4 for some
time.
I/O
27
EN_3P3sw_1P8sw
Enable signal for 3.3 V and 1.8 V
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com