Electronic Components Datasheet Search
  English  ▼

X  

L5958SM Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5958SM
Description  Multifunction voltage regulator for car radio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5958SM Datasheet(HTML) 1 Page - STMicroelectronics

  L5958SM Datasheet HTML 1Page - STMicroelectronics L5958SM Datasheet HTML 2Page - STMicroelectronics L5958SM Datasheet HTML 3Page - STMicroelectronics L5958SM Datasheet HTML 4Page - STMicroelectronics L5958SM Datasheet HTML 5Page - STMicroelectronics L5958SM Datasheet HTML 6Page - STMicroelectronics L5958SM Datasheet HTML 7Page - STMicroelectronics L5958SM Datasheet HTML 8Page - STMicroelectronics L5958SM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
September 2013
Doc ID 17716 Rev 2
1/20
1
L5958
Multifunction voltage regulator for car radio
Features
■ L5958 six outputs:
– 8.5 V @ 200 mA
– 5.0 V @ 300 mA
– 3.3 V @ 250 mA
– 1.8 V @ 350 mA
– 3.3 V @ 100 mA standby
– 1.8 V @ 100 mA standby
■ 2 A high side driver
■ Reset function
■ VDD core reset function
■ Battery audio warning
■ Battery can warning
■ Ignition comparator
■ Load dump protection
■ Thermal shutdown
■ Overcurrent limitation
■ All pin ESD protected
Description
The L5958 includes 6 linear voltage regulators
and a 2 A power switch, working down to 4.5 V
battery level. All the voltage regulators can be
switched off through the three enable pins.
The two 3.3 V (REG5) and 1.8 V (REG6) stand-by
regulators can reach a quasi-zero current
consumption when switched off.
The device is equipped with two different reset
buffers to control the operating voltages: the reset
which checks the two stand-by outputs, 3.3V and
1.8 V, and the VDD core reset which checks the
linear switched outputs, 3.3 V and 1.8 V. It is also
equipped with two different battery voltage
warnings, provided by the Hold CAN and the Hold
audio detectors, with the possibility to program
the lower threshold through an external
resistance.
The ignition buffer completes the device.
A backup function is available through two pins
which needs to be connected to two independent
capacitors: one for the 3.3 V and 1.8 V linear
switched outputs and one for the 3.3 V and 1.8 V
standby outputs.
Flexiwatt27
(vertical)
Flexiwatt27
(SMD)
Table 1.
Device summary
Order code
Package
Packing
L5958
Flexiwatt27 (vertical)
Tube
L5958SM
Flexiwatt27 (SMD)
Tube
L5958SMTR
Flexiwatt27 (SMD)
Tape and reel
www.st.com


Similar Part No. - L5958SM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5958SM STMICROELECTRONICS-L5958SM Datasheet
1Mb / 22P
for car body applications
Oct-2013
L5958SM STMICROELECTRONICS-L5958SM Datasheet
282Kb / 20P
Multifunction voltage regulator for car radio
12-Jul-2010
L5958SMTR STMICROELECTRONICS-L5958SMTR Datasheet
282Kb / 20P
Multifunction voltage regulator for car radio
12-Jul-2010
More results

Similar Description - L5958SM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4943 STMICROELECTRONICS-L4943 Datasheet
113Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Dec-2000
L4953 STMICROELECTRONICS-L4953 Datasheet
44Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
REV BATT
L4953G STMICROELECTRONICS-L4953G Datasheet
45Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Apr-1999
L4953K STMICROELECTRONICS-L4953K Datasheet
56Kb / 8P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
REV BATT
L5956 STMICROELECTRONICS-L5956 Datasheet
231Kb / 16P
Multifunction voltage regulator for car radio
29-Aug-2007
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
Multiple multifunction voltage regulator for car radio
29-Aug-2007
L5959 STMICROELECTRONICS-L5959 Datasheet
201Kb / 19P
Multifunction voltage regulator for car radio
28-Aug-2007
L5956 STMICROELECTRONICS-L5956_11 Datasheet
291Kb / 17P
Multifunction voltage regulator for car radio
27-Jun-2011
L5958 STMICROELECTRONICS-L5958 Datasheet
282Kb / 20P
Multifunction voltage regulator for car radio
12-Jul-2010
L5957 STMICROELECTRONICS-L5957 Datasheet
208Kb / 16P
Multifunction voltage regulator for car radio
08-Jan-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com