Electronic Components Datasheet Search
  English  ▼

X  

L5958SM Datasheet(PDF) 9 Page - STMicroelectronics

Part # L5958SM
Description  Multifunction voltage regulator for car radio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5958SM Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L5958SM Datasheet HTML 5Page - STMicroelectronics L5958SM Datasheet HTML 6Page - STMicroelectronics L5958SM Datasheet HTML 7Page - STMicroelectronics L5958SM Datasheet HTML 8Page - STMicroelectronics L5958SM Datasheet HTML 9Page - STMicroelectronics L5958SM Datasheet HTML 10Page - STMicroelectronics L5958SM Datasheet HTML 11Page - STMicroelectronics L5958SM Datasheet HTML 12Page - STMicroelectronics L5958SM Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
L5958
Electrical specifications
Doc ID 17716 Rev 2
9/20
Load dump
Vin1
Battery over voltage
Vin1
24
26
28
V
Load dump
Vin2
Battery over voltage
Vin2
24
26
28
V
Regulator 1
Vo (8.5sw)
Output voltage 8.5V
-
8.0
8.5
8.9
V
V
Line regulation
I = 20 0mA; 9 V < Vs < 18 V
-
-
50
mV
V
i
Load regulation
Ireg1 = 1 to 20 0mA
-
-
100
mV
PSRR
Supply voltage ripple rejection
f = 1 kHz; Vin1 = 1.5 Vpp;
Io = 200 mA
45
-
-
dB
Vdrop
Drop out voltage
Ireg1 = 200 mA
(1)
-
-
0.35
V
Im
Current limit
Rshort = 0.5 
0.3
-
0.6
A
Regulator 2
Vo (5Vsw)
Output voltage 5V
-
4.75
5
5.25
V
V
Line regulation
I = 300 mA; 9 V < Vs < 18 V
-
-
50
mV
V
i
Load regulation
Ireg2 = 1 to 300 mA
-
-
100
mV
PSRR
Supply voltage ripple rejection
f = 1 kHz; Vin1 = 1.5 Vpp;
Io = 300 mA
50
-
-
dB
Vdrop
Drop out voltage
Ireg2 = 300 mA
(1)
-
-
0.45
V
Im
Current limit
Rshort = 0.5 
400
-
800
mA
Regulator 3
Vo (3.3sw)
Output voltage 3.3V
-
3.15
3.30
3.45
V
V
Line regulation
I = 250 mA; 4.5 V < Vs < 18 V
-
-
50
mV
V
i
Load regulation
Ireg3 = 1 to 250 mA
-
-
100
mV
PSRR
Supply voltage ripple rejection
f = 1 kHz; Vin1 = 1.5 Vpp;
Io = 250 mA
50
-
-
dB
Vdrop
Drop out voltage
Ireg3 = 250 mA
(1)
-
-
0.75
V
Im
Current limit
Rshort = 0.5 
400
-
800
mA
Regulator 4
Vo (1.8sw)
Output voltage 1.8V
-
1.73
1.80
1.90
V
V
Line regulation
I = 350 mA; 4.5 V< Vs < 18 V
-
-
50
mV
V
i
Load regulation
Ireg4 = 1 to 350 mA
-
-
100
mV
PSRR
Supply voltage ripple rejection
f = 1 kHz; Vin1 = 1.5 Vpp;
Io = 350 mA
50
-
-
dB
Vdrop
Drop out voltage
Ireg4 = 35 0mA
(1)
-
-
2.2
V
Im
Current limit
Rshort = 0.5 
430
-
800
mA
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com