Electronic Components Datasheet Search
  English  ▼

X  

L9001 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9001
Description  Automotive power supply IC with multiple voltage regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9001 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9001 Datasheet HTML 8Page - STMicroelectronics L9001 Datasheet HTML 9Page - STMicroelectronics L9001 Datasheet HTML 10Page - STMicroelectronics L9001 Datasheet HTML 11Page - STMicroelectronics L9001 Datasheet HTML 12Page - STMicroelectronics L9001 Datasheet HTML 13Page - STMicroelectronics L9001 Datasheet HTML 14Page - STMicroelectronics L9001 Datasheet HTML 15Page - STMicroelectronics L9001 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Electrical specifications
L9001
12/38
DS12089 Rev 2
4
Electrical specifications
4.1
Absolute maximum ratings
4.2
ESD protection
Table 3. Absolute maximum ratings
Pin Name
Test Condition
Min
Max
Unit
VS
-
-0.3
40
V
WAKE
-
-0.3
40
V
CP
Note: (1)
-0.3
45
V
CP1
Note: (2)
-0.3
40
V
CP2
Note: (3)
-0.3
45
V
VR1
-
-0.3
40
V
V1O,V2O
-
-0.5
40
V
VR2,FB2
-
-0.3
40
V
VADC
-
-0.3
19
V
VDDIO
-
-0.3
19
V
RSTN1, RSTN2, ADCMON
-
-0.3
19
V
STBY,WDI
-
-0.3
19
V
TWN,WDO
-
-0.3
19
V
WDT
-
-0.3
40
V
RSTN1, RSTN2, ADCMON, TWN, WDO
-
-
10
mA
CONF1,CONF2,CONF3
-
-0.3
40
V
1. CP-VS<6V, VS-CP<0.3V.
2. CP1-VS<0.3V.
3. CP2-VS<6V VS-CP2<0.3V
Table 4. ESD protection values
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
ESD HBM
Global
HBM global
pins
ESD according to the Human Body Model
(HBM), Q100-002 for global pins; (100 pF/1.5 kΩ)
-4000
-
4000
V
9, 14
ESD HBM
HBM local
pins
ESD according to the Human Body Model
(HBM), Q100-002 for all pins; (100 pF/1.5 kΩ)
-2000
-
2000
V
ALL
ESD CDM
Corner
CDM corner
pins
ESD according to the Charged Device Model
(CDM), Q100-011 Corner pins
-750
-
750
V
Corner
ESD CDM
CDM all
pins
ESD according to the Charged Device Model
(CDM), Q100-011 All pins
-500
-
500
V
ALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com