Electronic Components Datasheet Search
  English  ▼

X  

L9001 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9001
Description  Automotive power supply IC with multiple voltage regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9001 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9001 Datasheet HTML 13Page - STMicroelectronics L9001 Datasheet HTML 14Page - STMicroelectronics L9001 Datasheet HTML 15Page - STMicroelectronics L9001 Datasheet HTML 16Page - STMicroelectronics L9001 Datasheet HTML 17Page - STMicroelectronics L9001 Datasheet HTML 18Page - STMicroelectronics L9001 Datasheet HTML 19Page - STMicroelectronics L9001 Datasheet HTML 20Page - STMicroelectronics L9001 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
DS12089 Rev 2
17/38
L9001
Power supply
37
Table 10. VDD2 regulator parameters
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VR2
Nominal output voltage -
0.8
-
5
V
Iload2
Output current
Application info, Buck
0
-
1
A
Iload2_lin
Application info, LDO
0
-
0.3
A
dVSR2_ac
Line transient
response(1)
Not tested, guaranteed by
design, Buck, SR < 1 V/μs
-8
-
8
%
dVSR2_ac_lin
Not tested, guaranteed by
design, LDO, SR < 1 V/μs
-5
-
5
%
dVLR2_ac
Load transient
response(1)
Not tested, guaranteed by
design, Buck , VR2 < 2.5 V, 0.4
A > Iload2 > ILIM_BP2,
dt = 10 μs
-8
-
8
%
Not tested, guaranteed by
design, Buck, VR2 ≥ 2.5 V,
Iload2 > ILIM_BP2, dt = 10 μs
-8
-
8
%
dVLR2_ac_lin
Not tested, guaranteed by
design, LDO, Iload2 > ILIM_BP2,
dt = 10 μs
-8
-
8
%
Ilim2
Current limitation
-
2.2
2.8
4
A
Ilim2_lin
-
0.3
-
-
A
FB2
Feedback reference
voltage
1 A > Iload2 Buck > ILIM_BP2
0.776
0.8
0.824
V
0.3 A > Iload2 LDO > ILIM_BP2
0.776
0.8
0.824
V
Rfb2UP
Feedback resistor
Application info
10
-
100
kΩ
FB2_byp
Feedback reference
voltage in bypass
mode
Iload2 < ILIM_BP2
0.788
0.812
0.836
V
SwFreq2
Switching frequency
-
-
465
-
KHz
RDSon2
High side RDSon
-
-
-
0.5
Ω
SS2
Soft start control
Buck (20%-80% of VR2)
-
-
21
V/ms
LDO (20%-80% of VR2)
-
-
10.5
V/ms
ICMP2_l
LPM current-low
threshold
-3
-
-
mA
ICMP2_h
LPM current
-high
threshold
--
-
28
mA
ILIM_BP2
Bypass LDO current
limitation
-
183045
mA
Cout2
Capacitor at VR2
Buck, VR2 < 2.5 V, Application
info
-47-
μF
Buck, VR2 ≥ 2.5 V, Application
info
-22-
μF
LDO, Application info
7
-
-
μF
Lout2
Inductor at VR2
VR2 < 2.5 V
-
10
-
μH
VR2 ≥ 2.5 V
-
22
-
μH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com