Electronic Components Datasheet Search
  English  ▼

X  

L9001 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9001
Description  Automotive power supply IC with multiple voltage regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9001 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9001 Datasheet HTML 10Page - STMicroelectronics L9001 Datasheet HTML 11Page - STMicroelectronics L9001 Datasheet HTML 12Page - STMicroelectronics L9001 Datasheet HTML 13Page - STMicroelectronics L9001 Datasheet HTML 14Page - STMicroelectronics L9001 Datasheet HTML 15Page - STMicroelectronics L9001 Datasheet HTML 16Page - STMicroelectronics L9001 Datasheet HTML 17Page - STMicroelectronics L9001 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Power supply
L9001
14/38
DS12089 Rev 2
5
Power supply
5.1
Configuration
The device regulators must be configured by proper connection of CONFx input pins.
VDD1 regulator output voltage level must be configured through pin CONF3.
The pin has a tri-state configuration: LOW, MID and HIGH. The output of the regulator
corresponding to each configuration is summarized in the table below:
VDD2 regulator mode must be configured in either Buck regulator or LDO through pin CONF2.
ADCLDO output voltage must be configured by proper configuration on pin CONF1.
CONF1 and CONF2 pin have a LOW/HIGH configuration. The regulator configurations
corresponding to each option are summarized in the table below.
In order to have the described configuration, pin CONFx must be connected as follows:
LOW configuration: pin CONFx must be connected to ground;
HIGH configuration: pin CONFx must be connected to VS supply;
MID configuration (only for CONF3): pin CONF3 must be left open.
Voltage levels at CONF1, CONF2 and CONF3 pins are latched at power-up; in addition,
CONF1 and CONF2 have an open load check. In case of disconnected pins all output
voltages are disabled, the device stays in OFF state and a new power-up sequence would
be needed to refresh the signal values on the input pins.
5.2
VDD1 regulator
VDD1 is an asynchronous switch mode power supply with integrated FET. The input voltage
of VDD1 regulator is VS pin; the output voltage generated by the buck can be configured as
3.3 V / 5 V / 6 V as described in Section 5.1.
The output voltage can be directly used by external loads and must be connected also to pin
VR1. In fact VR1 is the output of a LDO bypass regulator which is used to keep regulation
active when the output current demand goes below a specified threshold ILIM_BP1. In this
bypass mode, the output voltage is regulated according to the VR1_byp parameter. Such
mode is used for example when the system needs to reduce the overall consumption by
entering the Low Power mode (see dedicated Section 8.2.4 for details)
Table 7. CONF3 configuration
-
Low config
MID config
HIgh config
CONF3
VDD1 = 3.3 V
VDD1 = 5 V
VDD1 = 6 V
Table 8. CONF2 and CONF1 configuration
-
Low config
High config
CONF1
VADC = 3.3 V
VADC = 5 V
CONF2
VDD2 as Buck
VDD2 as Linear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com