Electronic Components Datasheet Search
  English  ▼

X  

L9805E Datasheet(PDF) 70 Page - STMicroelectronics

Part # L9805E
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805E Datasheet(HTML) 70 Page - STMicroelectronics

Back Button L9805E Datasheet HTML 66Page - STMicroelectronics L9805E Datasheet HTML 67Page - STMicroelectronics L9805E Datasheet HTML 68Page - STMicroelectronics L9805E Datasheet HTML 69Page - STMicroelectronics L9805E Datasheet HTML 70Page - STMicroelectronics L9805E Datasheet HTML 71Page - STMicroelectronics L9805E Datasheet HTML 72Page - STMicroelectronics L9805E Datasheet HTML 73Page - STMicroelectronics L9805E Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 125 page
background image
On-chip peripherals
L9805E
70/125
Figure 38.
Block diagram of the Analog to Digital Converter
5.5.3
Input Selections and Sampling
The input section of the ADC includes the analog multiplexer and a buffer. The input of the
buffer is permanently connected to the multiplexer output. The buffer output is fed to the
sample and hold circuit.
The multiplexer is driven with CH1 and CH0 bit only after ADST is set. Starting from this
event, the sampler follows the selected input signal for 2.5us and then holds it for the
remaining conversion time (i.e. when the conversion is actually running).
5.5.4
Interrupt Management
If ADIE bit is set in register ADCCSR, an interrupt is generated when a conversion is
completed (i.e. when COCO is set).
The interrupt request is cleared when any of the ADC registers is accessd (either read or
write).
Enabling/disabling the interrupt generation while the conversion is running has no effect on
the current conversion. ADIE value is latched when ADST is set and this internal value holds
all the conversion time long.
5.5.5
Temperature Sensing
The AD1 input is internally connected to the output of a temperature sensing circuit.
CH0
CH1
ADST
logic
U
X
M
d
i
v
clk
8Mhz
2 Mhz
start conversion
.....
AD9
AD0
DRH
DRL
end conversion
WR
Vin
VCC
AGND
inputs
CSR
sampling
+
conversion
latch
ADIE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com