Electronic Components Datasheet Search
  English  ▼

X  

L9805E Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9805E
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805E Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9805E Datasheet HTML 25Page - STMicroelectronics L9805E Datasheet HTML 26Page - STMicroelectronics L9805E Datasheet HTML 27Page - STMicroelectronics L9805E Datasheet HTML 28Page - STMicroelectronics L9805E Datasheet HTML 29Page - STMicroelectronics L9805E Datasheet HTML 30Page - STMicroelectronics L9805E Datasheet HTML 31Page - STMicroelectronics L9805E Datasheet HTML 32Page - STMicroelectronics L9805E Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 125 page
background image
L9805E
Clocks, reset, interrupts & power saving modes
29/125
3.7
Power saving modes
3.7.1
Introduction
There are three Power Saving modes. The Slow Mode may be selected by setting the
relevant bits in the Miscellaneous register as detailed in Section 3.4. Wait and Halt modes
may be entered using the WFI and HALT instructions.
3.7.2
Slow mode
In Slow mode, the oscillator frequency can be divided by 4, 8, 16 or 32 rather than by 2. The
CPU and peripherals (except CAN, see Note) are clocked at this lower frequency. Slow
mode is used to reduce power consumption.
Note:
Before entering Slow mode and to guarantee low power operations, the CAN Controller
must be placed by software in STANDBY mode.
3.7.3
Wait mode
Wait mode places the MCU in a low power consumption mode by stopping the CPU. All
peripherals remain active. During Wait mode, the I bit (CC Register) is cleared, so as to
enable all interrupts. All other registers and memory remain unchanged. The MCU will
remain in Wait mode until an Interrupt or Reset occurs, whereupon the Program Counter
branches to the starting address of the Interrupt or Reset Service Routine.
The MCU will remain in Wait mode until a Reset or an Interrupt (coming from CAN, Timers 1
& 2, EEPROM, ADC, PWM 1 & 2, I/O ports peripherals and Power Bridge) occurs, causing
its wake-up.
Refer to Figure 12 below.
Figure 13.
Wait mode flow chart
WAIT INSTRUCTION
RESET
FETCH RESET VECTOR
OR SERVICE INTERRUPT
INTERRUPT
Y
N
N
Y
CPU CLOCK
OSCILLATOR
PERIPH. CLOCK
I-BIT
ON
ON
SET
ON
CPU CLOCK
OSCILLATOR
PERIPH. CLOCK
I-BIT
ON
ON
CLEARED
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com